Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 71Page - Texas Instruments TLK6002 Datasheet HTML 72Page - Texas Instruments TLK6002 Datasheet HTML 73Page - Texas Instruments TLK6002 Datasheet HTML 74Page - Texas Instruments TLK6002 Datasheet HTML 75Page - Texas Instruments TLK6002 Datasheet HTML 76Page - Texas Instruments TLK6002 Datasheet HTML 77Page - Texas Instruments TLK6002 Datasheet HTML 78Page - Texas Instruments TLK6002 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
OUTPUT
INPUT
PCB
50 W
VDDQ
VDDQ
GND
GND
50
transmissionline
W
1kW
1kW
100
/200
/open( )
W
W
W
100
/200
/open( )
W
W
W
VREF*(VDDQ/2)
TLK6002
www.ti.com
SLLSE34 – MAY 2010
4.16 Power Sequencing Guidelines
The TLK6002 allows either the core or I/O power supply to be powered up for an indefinite period of time
while the other supply is not powered up, if all of the following conditions are met:
1. All maximum ratings and recommending operating conditions are followed
2. Bus contention while 1.5/1.8V power is applied (>0V) must be limited to 100 hours over the projected
lifetime of the device.
3. Junction temperature is less than 105°C during device operation. Note: Voltage stress up to the
absolute maximum voltage values for up to 100 hours of lifetime operation at a TJ of 105°C or lower
will minimally impact reliability.
The TLK6002 inputs are not failsafe (i.e. cannot be driven with the I/O power disabled). TLK6002 inputs
should not be driven high until their associated power supply is active.
4.17 HSTL Interface
The HSTL interface allows for either 1.5V or 1.8V operation. Source series (output) and parallel end
(input) resistance is dynamically updated to compensate for process, voltage, and temperature. RES*
device pins are referenced to accurately set the impedances.
The source series (HSTL output) impedance is dynamically calibrated to 50
Ω using an external 50 Ω
resistor.
There are three options on parallel end (HSTL input) termination:
1. No end termination. This yields the lowest power dissipation, at the cost of signal integrity
performance.
2. Half Strength Mode – 100
Ω Thevenin Equivalent – This mode is comprised of two 200 Ω resistors,
placed between the input signal and VDDQA/B, and the input signal and DGND. This selection yields a
blend between signal integrity performance and power dissipation.
3. Full Strength Mode – 50
Ω Thevenin Equivalent – This mode is comprised of two 100 Ω resistors,
placed between the input signal and VDDQA/B, and the input signal and DGND. This selection yields
the best signal integrity performance at the cost of highest power dissipation.
All three HSTL input modes can be selected through the MDIO interface on a per channel basis through
register bits (6.1:0). The HSTL output driver slew rate is also selectable, and is selected in register bit
(6.2).
Figure 4-22 shows the schematic of the internal HSTL driver and internal HSTL receiver.
Figure 4-22. HSTL I/O Schematic
Copyright © 2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
75
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com