Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 36Page - Texas Instruments TLK6002 Datasheet HTML 37Page - Texas Instruments TLK6002 Datasheet HTML 38Page - Texas Instruments TLK6002 Datasheet HTML 39Page - Texas Instruments TLK6002 Datasheet HTML 40Page - Texas Instruments TLK6002 Datasheet HTML 41Page - Texas Instruments TLK6002 Datasheet HTML 42Page - Texas Instruments TLK6002 Datasheet HTML 43Page - Texas Instruments TLK6002 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
2.23 Output Clock Selection (CLK_OUT_P/N)
Table 2-9 details CLK_OUT_P/N as a function of device settings.
Table 2-9. CLK_OUT_P/N Frequencies (ARS Enabled and Disabled)
Selected Channel A
Selected Channel B
RATE_A[2:0]
RATE_B[2:0]
CLK_OUT_SEL
CLK_OUT_P/N
REFCLK Frequency (MHz)
REFCLK Frequency (MHz)
Indicated By ARS_REF_FREQ
Indicated By ARS_REF_FREQ
000/001/010/011
000/001/010/011
0
RXBCLK_A/(0.5:4)
x
x
000/001/010/011
000/001/010/011
1
RXBCLK_B/(0.5:4)
x
x
110
Not 110
x
153.6 MHz (ppm 0 to RXAP/N)
153.6
x
110
Not 110
x
61.44 MHz (ppm 0 to RXAP/N)
122.88
x
110
Not 110
x
153.6 MHz (ppm 0 to RXAP/N)
307.2
x
110
Not 110
x
61.44 MHz (ppm 0 to RXAP/N)
245.76
x
Not 110
110
x
153.6 MHz (ppm 0 to RXBP/N)
x
153.6
Not 110
110
x
61.44 MHz (ppm 0 to RXBP/N)
x
122.88
Not 110
110
x
153.6 MHz (ppm 0 to RXBP/N)
x
307.2
Not 110
110
x
61.44 MHz (ppm 0 to RXBP/N)
x
245.76
101
000/001/010/011
0
153.6 MHz (ppm 0 to RXAP/N)
153.6
x
101
000/001/010/011
0
61.44 MHz (ppm 0 to RXAP/N)
122.88
x
101
000/001/010/011
0
153.6 MHz (ppm 0 to RXAP/N)
307.2
x
101
000/001/010/011
0
61.44 MHz (ppm 0 to RXAP/N)
245.76
x
101
000/001/010/011
1
RXBCLK_B/(0.5:4)
x
x
000/001/010/011
101
1
153.6 MHz (ppm 0 to RXBP/N)
x
153.6
000/001/010/011
101
1
61.44 MHz (ppm 0 to RXBP/N)
x
122.88
000/001/010/011
101
1
153.6 MHz (ppm 0 to RXBP/N)
x
307.2
000/001/010/011
101
1
61.44 MHz (ppm 0 to RXBP/N)
x
245.76
000/001/010/011
101
0
RXBCLK_A/(0.5:4)
x
x
101
101
0
153.6 MHz (ppm 0 to RXAP/N)
153.6
x
101
101
0
61.44 MHz (ppm 0 to RXAP/N)
122.88
x
101
101
0
153.6 MHz (ppm 0 to RXAP/N)
307.2
x
101
101
0
61.44 MHz (ppm 0 to RXAP/N)
245.76
x
101
101
1
153.6 MHz (ppm 0 to RXBP/N)
x
153.6
101
101
1
61.44 MHz (ppm 0 to RXBP/N)
x
122.88
101
101
1
153.6 MHz (ppm 0 to RXBP/N)
x
307.2
101
101
1
61.44 MHz (ppm 0 to RXBP/N)
x
245.76
111
101/110
x
153.6 MHz (ppm 0 to RXBP/N)
x
153.6
111
101/110
x
61.44 MHz (ppm 0 to RXBP/N)
x
122.88
111
101/110
x
153.6 MHz (ppm 0 to RXBP/N)
x
307.2
111
101/110
x
61.44 MHz (ppm 0 to RXBP/N)
x
245.76
111
000/001/010/011/111
0
RXBCLK_A/(0.5:4)
x
x
111
000/001/010/011/111
1
RXBCLK_B/(0.5:4)
x
x
101/110
111
x
153.6 MHz (ppm 0 to RXAP/N)
153.6
x
101/110
111
x
61.44 MHz (ppm 0 to RXAP/N)
122.88
x
101/110
111
x
153.6 MHz (ppm 0 to RXAP/N)
307.2
x
101/110
111
x
61.44 MHz (ppm 0 to RXAP/N)
245.76
x
000/001/010/011/111
111
0
RXBCLK_A/(0.5:4)
x
x
000/001/010/011/111
111
1
RXBCLK_B/(0.5:4)
x
x
2.24 MDIO Management Interface
The TLK6002 supports the Management Data Input/Output (MDIO) Interface as defined in Clause 22 of
the IEEE 802.3 Ethernet specification. The MDIO allows register-based management and control of the
serial links. Normal operation of the TLK6002 is possible without use of this interface. However, some
features are accessible only through the MDIO.
The MDIO Management Interface consists of a bi-directional data path (MDIO) and a clock reference
(MDC). The port address is determined by control pins (see Table 2-10).
40
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com