Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 66Page - Texas Instruments TLK6002 Datasheet HTML 67Page - Texas Instruments TLK6002 Datasheet HTML 68Page - Texas Instruments TLK6002 Datasheet HTML 69Page - Texas Instruments TLK6002 Datasheet HTML 70Page - Texas Instruments TLK6002 Datasheet HTML 71Page - Texas Instruments TLK6002 Datasheet HTML 72Page - Texas Instruments TLK6002 Datasheet HTML 73Page - Texas Instruments TLK6002 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
J
DR
J
R
J
R
J
TOL
RXCLK_x
RDx
tPERIOD
tSETUP
tHOLD tSETUP
tHOLD
VOH(ac)
VDDQ/2
VOL(ac)
VDDQ/2
VOL(ac)
VOH(ac)
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Input Jitter Definition
NOTE: JTOL = JR + JDR, where JTOL is the receive jitter tolerance, JDR is the received deterministic jitter, and JR is the
Gaussian random edge jitter distribution at a maximum BER = 10-12 for CPRI link and BER = 10-15 for OBSAI (RP3)
link.
4.10
HSTL Output Switching Characteristics (DDR Timing Mode Only)
(over recommended operating conditions unless otherwise noted).
PARAMETER
CONDITION
MIN
MAX
UNIT
tsetup
RDx(1) setup prior to RXCLK_x transition high or
Source Centered. See Figure 4-12(2)
0.15 ×
ps
low
tperiod
thold
RDx hold after RXCLK_x transition high or low
Source Centered. See Figure 4-12(2)
0.15 ×
ps
tperiod
Tduty
RXCLK_x(3) Duty Cycle
Source Centered and Source Aligned.(2)
45%
55%
tperiod
RXCLK_x Period
Source Centered and Source Aligned.
6.4
85.11
ns
Tfreq
RXCLK_x Frequency
Source Centered and Source Aligned.
11.75
156.25
MHz
Tpd
RXCLK_x rising or falling to RDx valid.
Source Aligned See Figure 4-13(2)
–0.10 ×
+0.10 ×
ps
tperiod
tperiod
(1)
RDx refers to either RDA or RDB for channels A and B respectively
(2)
Cload = 10pF, using timing reference of (VDDQA/B)/2.
(3)
RXCLK_x refers to RXCLK_A or RXCLK_B for channels A and B respectively.
Figure 4-12. HSTL (DDR Timing Mode Only) Source Centered Output Timing Requirements
70
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com