Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 26Page - Texas Instruments TLK6002 Datasheet HTML 27Page - Texas Instruments TLK6002 Datasheet HTML 28Page - Texas Instruments TLK6002 Datasheet HTML 29Page - Texas Instruments TLK6002 Datasheet HTML 30Page - Texas Instruments TLK6002 Datasheet HTML 31Page - Texas Instruments TLK6002 Datasheet HTML 32Page - Texas Instruments TLK6002 Datasheet HTML 33Page - Texas Instruments TLK6002 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 96 page
background image
TXAN
TXAP
TDA_[ 19: 0]
Channel A
Parallelto
Serial
TXCLK_A
Channel A
RXAP
RXAN
RDA_[ 19: 0]
Serialto
Parallel
COMMA
Detect &
8B/ 10 B
Decoding
RXCLK_A
TXBN
TXBP
TDB_[ 19: 0]
Channel B
Parallelto
Serial
TXCLK_B
Channel B
RXBP
RXBN
RDB_[ 19: 0]
Serialto
Parallel
COMMA
Detect &
8B/ 10 B
Decoding
RXCLK_B
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Figure 2-11. TLK6002 – Serial Retime Mode of Operation
2.19 Latency Measurement Function
The TLK6002 includes a round trip latency measurement function to support CPRI and OBSAI base
station applications. The elapsed time from a comma (either encoded or unencoded) detected in the
transmit direction of a particular channel to a comma detected in the receive direction of the same channel
is measured and reported through the MDIO interface (TDA_[19:0]
→ RDA_[19:0] -or- TDB_[19:0] →
RDB_[19:0]). The function operates on one channel at a time. When 8b/10b encoding/decoding is
enabled, the following three control characters (containing commas) are monitored:
1. K28.1 (control = 1, data = 0x3C)
2. K28.5 (control = 1, data = 0xBC)
3. K28.7 (control = 1, data = 0xFC).
When 8b/10b encoding/decoding is disabled, the lower 7 bits of the Tx and Rx data stream are monitored
for either positive (7’b0011111) or negative (7’b1100000) comma characters.
Whether 8b/10b encoding/decoding is enabled or not, comma detection in the receive datapath must be
enabled (register bit 3.7).
The result of this measurement is readable through the MDIO interface through a 20-bit register. The
accuracy of the measurement is a function of the serial bit rate which the channel being measured is
operating at. The register will return a value of 0xFFFFF if the duration between transmit and receive
comma detection exceeds the depth of the counter. Only one measurement value is stored internally until
the 20-bit results counter is read. The counter will return zero in cases where a transmit comma was never
detected (indicating the results counter never began counting).
30
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com