Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 6Page - Texas Instruments TLK6002 Datasheet HTML 7Page - Texas Instruments TLK6002 Datasheet HTML 8Page - Texas Instruments TLK6002 Datasheet HTML 9Page - Texas Instruments TLK6002 Datasheet HTML 10Page - Texas Instruments TLK6002 Datasheet HTML 11Page - Texas Instruments TLK6002 Datasheet HTML 12Page - Texas Instruments TLK6002 Datasheet HTML 13Page - Texas Instruments TLK6002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 2-1. Pin Description – Signal Pins (continued)
Terminal
Direction
Type
Description
Signal
BGA
Supply
Parallel Input Channel B Transmit Data Bus.
J17
These data signals are synchronous to and sampled by TXCLK_B.
H17
J16
Two data modes are supported, SDR (Single Data Rate), and DDR (Double Data Rate). SDR has two valid symbols
H18
per TXCLK_B cycle, and DDR has four valid symbols per TXCLK_B cycle.
K15
When input data is in 8b/10b encoded format (a.k.a. 20-bit data mode), TDB_[19:10] and TDB_[9:0] each carry a
K16
symbol.
L14
L16
When input data is encoded internal to TLK6002 (8b/10b encoder enabled, a.k.a. 16-bit data mode), two symbols
M14
Input HSTL
are input at a time, defined as follows:
M16
TDB_[19:0]
1.5V/1.8V
M15
One Symbol – TDB_[8] contains the control bit (k-character indication) of data byte TDB_[7:0], and TDB_[9] is
VDDQB
P17
unused and should be grounded.
N14
Other Symbol – TDB_[18] contains the control bit (k-character indication) of data byte TDB_[17:10], and TDB_[19] is
N16
unused and should be grounded.
J18
M17
Unused parallel input pins must be grounded.
R17
See the following figures for more detail:
P15
Figure 2-1 20-bit SDR Parallel Interface Mode
P14
Figure 2-2 16-bit SDR Parallel Interface Mode
P18
Figure 2-3 20-bit DDR Parallel Interface Mode
Parallel Channel B Receive Data Bus.These output receive data signals are synchronous to RXCLK_B.
Two data modes are supported, SDR (Single Data Rate), and DDR (Double Data Rate). SDR has two valid symbols
D18
per RXCLK_B cycle, and DDR has four valid symbols per RXCLK_B cycle.
E17
B18
When output data is in 8b/10b encoded format (a.k.a. 20-bit data mode), RDB_[19:10] and RDB_[9:0] each carry a
C17
symbol.
F16
When output data is decoded internal to TLK6002 (8b/10b decoder enabled, a.k.a. 16-bit data mode), two symbols
F17
are output at a time, defined as follows:
A17
B16
One Symbol - RDB_[8] contains the control bit (k-character indication) of data byte RDB_[7:0], and RDB_[9]
C16
Output
indicates whether a 8b/10b disparity error was detected or an invalid code was received coincident with that
D16
HSTL
particular symbol
RDB_[19:0]
C18
1.5V/1.8V
Other Symbol - RDB_[18] contains the control bit (k-character indication) of data byte RDB_[17:10], and RDB_[19]
F15
VDDQB
indicates whether a 8b/10b disparity error was detected or an invalid code was received coincident with that
A16
particular symbol.
B15
D15
During device reset (RESET_N asserted low) these pins are driven low. During pin based power down
E15
(PD_TRXB_N asserted low), these pins are floating. During register based power down (1.15 asserted high), these
G16
pins are floating.
H15
See the following figures for more detail:
G15
Figure 2-1 20-bit SDR Parallel Interface Mode
G14
Figure 2-2 16-bit SDR Parallel Interface Mode
Figure 2-3 20-bit DDR Parallel Interface Mode
Receive Output Channel B Clock. RXCLK_B is synchronous to RDB_[19:0], and may be used externally to
sample Channel B output parallel data.
Output
In SDR mode, this signal is equal in frequency to serial bit rate / 20.
HSTL
RXCLK_B
F18
In DDR mode, this signal is equal in frequency to serial bit rate / 40.
1.5V/1.8V
VDDQB
During device reset (RESET_N asserted low) this pin is driven low.
During pin based power down (PD_TRXB_N asserted low), this pin is floating.
During register based power down (1.15 asserted high), these pins are floating.
Receive PRBS Channel B Error Free (Pass) Indicator
When PRBS test is enabled (PRBS_EN=1):
PRBSB_PASS=1 indicates that PRBS pattern reception is error free.
Output
PRBSB_PASS=0 indicates that a PRBS error is detected.
LVCMOS
PRBSB_PASS
V18
1.5V/1.8V
During device reset (RESET_N asserted low) this pin is driven low.
VDDO2 40
Ω During pin based power down (PD_TRXB_N asserted low), this pin is floating.
Driver
During register based power down (1.15 asserted high), this pin is floating.
It is highly recommended that PRBSB_PASS be brought to easily accessible point on the application board
(header), in the event that debug is required.
Input
Encoder/Decoder Channel B Enable: When this pin is asserted high, the internal 8b/10b encoder/decoder is
LVCMOS
enabled. This signal is OR’d with MDIO register bits, and should be tied low if software control is desired.
CODEB_EN
V16
1.5V/1.8V
VDDO2
10
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com