Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 60Page - Texas Instruments TLK6002 Datasheet HTML 61Page - Texas Instruments TLK6002 Datasheet HTML 62Page - Texas Instruments TLK6002 Datasheet HTML 63Page - Texas Instruments TLK6002 Datasheet HTML 64Page - Texas Instruments TLK6002 Datasheet HTML 65Page - Texas Instruments TLK6002 Datasheet HTML 66Page - Texas Instruments TLK6002 Datasheet HTML 67Page - Texas Instruments TLK6002 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
LVCMOS Electrical Characteristics (VDDO = VDDO1/VDDO2/VDDO3) (continued)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Driver Only
Driver Disabled
±25
µA
IOZ
Driver/Receiver With Pullup/Pulldown
Driver DisabledWith Pull Up/Down
±195
µA
Enabled
CIN
Input capacitance
3
pF
4.7
HSTL Signals Electrical Characteristics (VDDQA/B = 1.5/1.8V)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
VOH(dc)
High-level output voltage
VDDQA/B – 0.4
VDDQA/B + 0.3
V
VOL(dc)
Low-level output voltage
0.40
V
VOH(ac)
High-level output voltage
VDDQA/B – 0.5
VDDQA/B + 0.3
V
VOL(ac)
Low-level output voltage
0.50
V
VIH(dc)
High-level DC input voltage
DC input, logic high
VREFTA/B+ 0.10
VDDQA/B + 0.3
V
VIL(dc)
Low-level DC input voltage
DC input, logic low
-0.30
VREFTA/B – 0.1
V
VIH(ac)
High-level AC input voltage
AC input, logic high
VREFTA/B + 0.20
VDDQA/B + 0.3
V
VIL(ac)
Low-level AC input voltage
AC input, logic low
–0.30
VREFTA/B –
V
0.20
IOH(dc)
High output current
8
mA
IOL(dc)
Low output current
–8
mA
IIH
Input High Current
10
µA
IIL
Input Low Current
–10
µA
CIN
Input Capacitance
4
pF
Tacr
AC Test Condition
Rise Time Rate (In 20
→ 80% Swing
1
1
1
ns/V
Region)
Tacs
AC Test Condition
Signal Swing
1
1
1
V
4.8
Serial Transmitter Characteristics
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
SWING (2.3:0) = 0000
84
126
160
SWING (2.3:0) = 0001
163
215
253
SWING (2.3:0) = 0010
247
303
347
SWING (2.3:0) = 0011
331
395
444
SWING (2.3:0) = 0100
415
478
538
SWING (2.3:0) = 0101
499
572
633
SWING (2.3:0) = 0110
582
662
735
TX Output Differential Peak-to-Peak voltage
SWING (2.3:0) = 0111
668
756
835
VOD(pp)
swing
mVdfpp
SWING (2.3:0) = 1000
740
839
927
See Figure 4-1 and Figure 4-2
SWING (2.3:0) = 1001
831
932
1020
SWING (2.3:0) = 1010
904
1020
1130
SWING (2.3:0) = 1011
988
1110
1220
SWING (2.3:0) = 1100
1060
1190
1340
SWING (2.3:0) = 1101
1150
1280
1430
SWING (2.3:0) = 1110
1220
1360
1530
SWING (2.3:0) = 1111
1300
1450
1630
See register bits TWPOST1 2.12:8 and
TX Output Pre/Post Cursor Emphasis
–17.5/
+17.5/
Vpre/post
TWPRE 2.7:4 for de-emphasis settings.
Voltage
–37.5%
+37.5%
See Figure 4-2.
VDDT –
VCMT
TX output common mode voltage
See Figure 4-1
mV
[0.25×VOD(pp)]
64
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com