Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 85Page - Texas Instruments TLK6002 Datasheet HTML 86Page - Texas Instruments TLK6002 Datasheet HTML 87Page - Texas Instruments TLK6002 Datasheet HTML 88Page - Texas Instruments TLK6002 Datasheet HTML 89Page - Texas Instruments TLK6002 Datasheet HTML 90Page - Texas Instruments TLK6002 Datasheet HTML 91Page - Texas Instruments TLK6002 Datasheet HTML 92Page - Texas Instruments TLK6002 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
7
Appendix C – 8b/10B Control Characters Supported
Table 7-1 contains 8b/10b control characters are valid and are supported in TLK6002.
The K28.7 usage is not advised as comma characters can be created on non-symbol boundaries without
depending upon adjacent characters.
Further detail on 8b/10b encoding/decoding of data characters can be found in IEEE802.3-2002 Clause
36.
Table 7-1. 8b/10b Control Characters Supported
CONTROL
CONTAINS COMMA
DATA BYTE
CHARACTER
CHARACTER
K28.0
0x1C
K28.1
0x3C
Y
K28.2
0x5C
K28.3
0x7C
K28.4
0x9C
K28.5
0xBC
Y
K28.6
0xDC
K28.7
0xFC
Y
K23.7
0xF7
K27.7
0xFB
K29.7
0xFD
K30.7
0xFE
Copyright © 2010, Texas Instruments Incorporated
Appendix C – 8b/10B Control Characters Supported
89
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com