Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 65Page - Texas Instruments TLK6002 Datasheet HTML 66Page - Texas Instruments TLK6002 Datasheet HTML 67Page - Texas Instruments TLK6002 Datasheet HTML 68Page - Texas Instruments TLK6002 Datasheet HTML 69Page - Texas Instruments TLK6002 Datasheet HTML 70Page - Texas Instruments TLK6002 Datasheet HTML 71Page - Texas Instruments TLK6002 Datasheet HTML 72Page - Texas Instruments TLK6002 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
Frequency
f 1
f 2
20 MHz
Sinusoidal
Jitter
Amplitude
(UI )
UI1pp
UI 2pp
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Jitter Tolerance:
The peak to peak total jitter tolerance for the RP3 receiver is 0.65 UI. This total jitter is composed of three
components; deterministic jitter, random jitter, and an additional sinusoidal jitter.
The deterministic jitter tolerance is 0.37 UI minimum. The sum of deterministic and random jitter is 0.55 UI
minimum. The additional sinusoidal jitter which the receiver must tolerate will have frequencies and amplitudes
conforming to the mask presented in Figure 4-11 and Table 4-1.
Figure 4-11. OBSAI Sinusoidal Jitter Mask
Table 4-1. Sinusoidal Jitter Mask Values
Frequency
f1
f2
UI1pp
UI2pp
(MBaud)
(kHz)
(kHz)
768
5.4
460.8
0.1
8.5
1536
10.9
921.6
0.1
8.5
3072
21.8
1843.2
0.1
8.5
6114
36.9
3686
0.05
8.5
Copyright © 2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
69
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com