Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 3Page - Texas Instruments TLK6002 Datasheet HTML 4Page - Texas Instruments TLK6002 Datasheet HTML 5Page - Texas Instruments TLK6002 Datasheet HTML 6Page - Texas Instruments TLK6002 Datasheet HTML 7Page - Texas Instruments TLK6002 Datasheet HTML 8Page - Texas Instruments TLK6002 Datasheet HTML 9Page - Texas Instruments TLK6002 Datasheet HTML 10Page - Texas Instruments TLK6002 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
2
Description
2.1
Pin Descriptions
Table 2-1. Pin Description – Signal Pins
Terminal
Direction
Type
Description
Signal
BGA
Supply
Channel A:
Serial Transmit Channel A Output. TXAP and TXAN comprise the transmit direction Channel A differential serial
high speed output signal.
Output
During device reset (RESET_N asserted low) these pins are driven differential zero.
TXAP
V7
CML
TXAN
V6
These CML outputs must be AC coupled.
AVDD
During pin based power down (PD_TRXA_N asserted low), these pins are floating.During register based power
down (1.15 asserted high), these pins are floating.
RXAP
U9
Input CML
Serial Receive Channel A Input. RXAP and RXAN comprise the receive direction Channel A differential high
RXAN
U8
AVDD
speed serial input signal. These signals must be AC coupled.
Transmit Input Channel A Clock. TXCLK_A is used to sample Channel A input parallel data (TDA_[19:0]).
This input must be synchronous (0 ppm) to the SERDES reference clock.
Input HSTL
TXCLK_A
P1
1.5V/1.8V
In SDR mode, this signal is equal in frequency to serial bit rate / 20.
VDDQA
In DDR mode, this signal is equal in frequency to serial bit rate / 40.
If unused in the application, this input must be grounded.
Parallel Input Channel A Transmit Data Bus.
H1
These data signals are synchronous to and sampled by TXCLK_A.
J3
H2
Two data modes are supported, SDR (Single Data Rate), and DDR (Double Data Rate). SDR has two valid symbols
K4
per TXCLK_A cycle, and DDR has four valid symbols per TXCLK_A cycle.
J2
When input data is in 8b/10b encoded format (a.k.a. 20-bit data mode), TDA_[19:10] and TDA_[9:0] each carry a
J1
symbol.
K5
L3
When input data is encoded internal to TLK6002 (8b/10b encoder enabled, a.k.a. 16-bit data mode), two symbols
L5
Input
are input at a time, defined as follows:
M3
HSTL
TDA_[19:0 ]
M4
1.5V/1.8V
One Symbol – TDA_[8] contains the control bit (k-character indication) of data byte TDA_[7:0], and TDA_[9] is
K3
VDDQA
unused and should be grounded.
M5
Other Symbol – TDA_[18] contains the control bit (k-character indication) of data byte TDA_[17:10], and TDA_[19] is
N3
unused and should be grounded.
M2
P2
Unused parallel input pins must be grounded.
P4
See the following figures for more detail:
N5
Figure 2-1 20-bit SDR Parallel Interface Mode.
R2
Figure 2-2 16-bit SDR Parallel Interface Mode.
P5
Figure 2-3 20-bit DDR Parallel Interface Mode
Parallel Channel A Receive Data Bus.
These output receive data signals are synchronous to RXCLK_A.
D1
Two data modes are supported, SDR (Single Data Rate), and DDR (Double Data Rate). SDR has two valid symbols
B3
per RXCLK_A cycle, and DDR has four valid symbols per RXCLK_A cycle.
B1
When output data is in 8b/10b encoded format (a.k.a. 20-bit data mode), RDA_[19:10] and RDA_[9:0] each carry a
C2
symbol.
E2
F2
When output data is decoded internal to TLK6002 (8b/10b decoder enabled, a.k.a. 16-bit data mode), two symbols
F3
are output at a time, defined as follows:
A2
C3
Output
One Symbol – RDA_[8] contains the control bit (k-character indication) of data byte RDA_[7:0], and RDA_[9]
D3
HSTL
indicates whether a 8b/10b disparity error was detected or an invalid code was received coincident with that
RDA_[19:0]
C1
1.5V/1.8V
particular symbol
F4
VDDQA
Other Symbol – RDA_[18] contains the control bit (k-character indication) of data byte RDA_[17:10], and RDA_[19]
D4
indicates whether a 8b/10b disparity error was detected or an invalid code was received coincident with that
E4
particular symbol.
G4
G3
During device reset (RESET_N asserted low) these pins are driven low.During pin based power down
H4
(PD_TRXA_N asserted low), these pins are floating.During register based power down (1.15 asserted high), these
E5
pins are floating.
H5
See the following figures for more detail:
G5
Figure 2-1 20-bit SDR Parallel Interface Mode.
Figure 2-2 16-bit SDR Parallel Interface Mode.
Figure 2-3 20-bit DDR Parallel Interface Mode.
Copyright © 2010, Texas Instruments Incorporated
Description
7
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com