Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 33Page - Texas Instruments TLK6002 Datasheet HTML 34Page - Texas Instruments TLK6002 Datasheet HTML 35Page - Texas Instruments TLK6002 Datasheet HTML 36Page - Texas Instruments TLK6002 Datasheet HTML 37Page - Texas Instruments TLK6002 Datasheet HTML 38Page - Texas Instruments TLK6002 Datasheet HTML 39Page - Texas Instruments TLK6002 Datasheet HTML 40Page - Texas Instruments TLK6002 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
ARSEnabled
En?
No
Yes
ChangeSERDESSettings
DisableENRX
DriveENPLL Low
>16?
PLL
Lock?
Yes
No
WaitforPLL Lock
TO?
No
PLL
Lock?
Yes
No
Yes
AutomaticDatapathReset
CheckCHSynchronization
TO?
No
Sync?
Yes
Yes
MDIO
Gate
Yes
Waitfor TXFIFORST
(ARSLocked)
No
Yes
ARSLocked
No
Sync?
Yes
No
MDIO
FIFORST
?
CheckNextLower
EnabledSerialBitRate
(Ifatlowestrate , goto
highestenabledrate )
TryLast
Successful (Same)
SerialBitRate
OneMore TimeBefore
ContinuingWithNext
LowerEnabledRate
CheckHighest
EnabledSerial
BitRate
Set
ARS_PLL_LOCK_ERR
Bit
Start
Timeout
Counter
TXFIFOand
RXFIFO
AutoReset
Legend:
TO = X*1024 REFCLKPeriodCounter Timeout
Sync = ChannelSynchronization & (AGCLOCK |
!AGCLOCK_EN) & (!6.6 | !LOS)
>16 = Greater ThanorEqualto 16 REFCLKPeriods
MdioGate = ARS_MDIO_GATE
MDIOFIFORST = MdioWritetoSet TXFIFORST
No
EnableENRX &
WaitFor AZDONE
>16 &
AZDONE
?
Yes
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Figure 2-13. ARS State Machine Flowchart
Copyright © 2010, Texas Instruments Incorporated
Description
37
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com