Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 70Page - Texas Instruments TLK6002 Datasheet HTML 71Page - Texas Instruments TLK6002 Datasheet HTML 72Page - Texas Instruments TLK6002 Datasheet HTML 73Page - Texas Instruments TLK6002 Datasheet HTML 74Page - Texas Instruments TLK6002 Datasheet HTML 75Page - Texas Instruments TLK6002 Datasheet HTML 76Page - Texas Instruments TLK6002 Datasheet HTML 77Page - Texas Instruments TLK6002 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
MDC
MDIO
t
PERIOD
t
SETUP
t
HOLD
TCK
TDI /TMS/
TRST_N
TDO
tPERIOD
tSETUP
tHOLD
tVALID
TLK6002
SLLSE34 – MAY 2010
www.ti.com
4.14 MDIO Timing Requirements Over Recommended Operating Conditions (unless
otherwise noted)
PARAMETER
CONDITION
MIN NOM
MAX
UNIT
tperiod
MDC period
See Figure 4-20
100
tsetup
MDIO setup to
↑ MDC
10
thold
MDIO hold to
↑ MDC
10
Tvalid
MDIO valid from MDC
↑
0
40
ns
Figure 4-20. MDIO Read/Write Timing
4.15 JTAG Timing Requirements Over Recommended Operating Conditions (unless
otherwise noted)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Tperiod
TCK period
66.67
ns
Tsetup
TDI/TMS/TRST_N setup to
↑ TCK
3
ns
See Figure 4-21
Thold
TDI/TMS/TRST_N hold from
↑ TCK
5
ns
Tvalid
TDO delay from TCK Falling
0
10
ns
Figure 4-21. JTAG Timing
74
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com