Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 10Page - Texas Instruments TLK6002 Datasheet HTML 11Page - Texas Instruments TLK6002 Datasheet HTML 12Page - Texas Instruments TLK6002 Datasheet HTML 13Page - Texas Instruments TLK6002 Datasheet HTML 14Page - Texas Instruments TLK6002 Datasheet HTML 15Page - Texas Instruments TLK6002 Datasheet HTML 16Page - Texas Instruments TLK6002 Datasheet HTML 17Page - Texas Instruments TLK6002 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 2-2. Pin Description – Power Pins
Terminal
Type
Description
Signal
BGA
T8
SERDES Digital logic power
VDDD
Power
T11
Provides power for digital circuitry internal to the SERDES. 1.0V nominal.
U6
T9
T10
SERDES Analog Power
AVDD
Power
U11
AVDD provides supply voltage for the high-speed analog circuits. 1.0V nominal.
T13
U14
L6
L9
L13
M10
M12
Digital Core Power
DVDD
N6
Power
DVDD provides supply voltage to the digital core. 1.0V nominal.
N13
R8
R10
R12
T5
V8
SERDES Analog Power
VDDT
Power
V12
VDDT provides supply voltage for the high-speed analog circuits, termination voltage. 1.0V nominal.
T7
SERDES Analog Regulator Power
VDDRA/B
Power
T12
VDDRA and VDDRB provide supply voltage for the internal PLL regulator. 1.5V or 1.8V nominal.
A3
B2
B17
C4
C15
E1
E18
F5
F14
G2
G17
J4
J15
K1
HSTL I/O Power
VDDQA/B
K18
Power
VDDQA and VDDQB provide supply voltage for the HSTL inputs and outputs. 1.5V or 1.8V nominal.
L4
L7
L8
L12
L15
L17
M6
M13
N1
N18
P3
P6
P13
P16
L10
LVCMOS I/O Power
VDDO1/2/3
R13
Power
VDDO1, VDDO2, and VDDO3 provide supply voltage for the LVCMOS inputs and outputs. 1.5V or 1.8V nominal.
R7
Factory Program Voltage
VPP
K9
Power
Programming supply voltage for TI internal use during device manufacturing. The application must connect this power
supply directly to DVDD.
R9
R11
T14
U7
Analog Ground
AGND
Ground
U10
Analog ground.
V5
V9
V13
14
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com