Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 119Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 120Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 121Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 122Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 123Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 124Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 125Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 126Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
123
PF0100
Typical Applications
Introduction
7
Typical Applications
7.1
Introduction
Figure 29 provides a typical application diagram of the PF0100 PMIC together with its functional components. For details on
component references and additional components such as filters, refer to the individual sections.
7.1.1
Application Diagram
Figure 29. Typical Application Schematic
VIN
LICELL
SWBSTFB
SWBSTIN
SWBSTLX
O/P
Drive
SWBST
600 mA
Boost
Output Pin
Input Pin
Bi-directional Pin
Package Pin Legend
SCL
SDA
VDDIO
SW3A/B
Single/Dual
DDR
2500 mA
Buck
VCOREDIG
VCOREREF
GNDREF
100nF
Coin Cell
Battery
1uF
220nF
Vin
2 x 22uF
SWBST
Output
2.2uH
10uF
Vin
To/From
AP
SW1CFB
SW1AIN
SW1C
1750 mA
Buck
SW1FB
SW1ALX
SW1BLX
SW1A/B
Single/Dual
2500 mA
Buck
SW1VSSSNS
1.0uH
4 x22uF
SW1AB Output
Vin
4.7uF
VSNVS
0.47uF
Li Cell
Charger
SW2
2000 mA
Buck
VGEN1
100mA
VGEN1
VIN1
2.2uF
VGEN2
250mA
VGEN2
4.7uF
VGEN3
100mA
VGEN3
VIN2
2.2uF
VGEN4
350mA
VGEN4
4.7uF
VGEN5
100mA
VGEN5
VIN3
2.2uF
VGEN6
200mA
VGEN6
2.2uF
Best
of
Supply
OTP
SW4
1000 mA
Buck
VREFDDR
1uF
VDDOTP
VINREFDDR
VHALF
100nF
100nF
VCORE
PF0100
CONTROL
Clocks
32kHz and 16MHz
Initialization State Machine
I2C
Interface
Clocks and
resets
I2C
Register
map
Trim-In-Package
1uF
O/P
Drive
O/P
Drive
Vin
SW1BIN
4.7uF
SW1CLX
O/P
Drive
SW1CIN
4.7uF
1.0uH
SW1C Output
2 x 22uF
Vin
SW2FB
SW2LX
O/P
Drive
SW2IN
4.7uF
1.0uH
SW2 Output
2 x 22uF
Vin
SW2IN
SW3AIN
SW3AFB
SW3ALX
SW3BLX
1.0uH
2 x 22uF
SW3A Output
Vin
4.7uF
O/P
Drive
O/P
Drive
SW3BIN
4.7uF
Vin
SW3B Output
SW3BFB
2 x 22uF
1.0uH
SW3VSSSNS
SW4IN
SW4FB
SW4LX
1.0uH
2 x 22uF
SW4 Output
Vin
4.7uF
O/P
Drive
Supplies
Control
DVS Control
DVS CONTROL
Reference
Generation
VSW3A
Vin
Core Control logic
VIN1
VIN2
VIN3
VDDOTP
VSW2
VSW2
VSW2
1.0uF
1.0uF
1.0uF
GNDREF1
2.2uF
1uF
VSW2
VDDIO
To
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com