Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 123Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 124Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 125Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 126Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 127Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 128Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 129Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 130Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
127
PF0100
Typical Applications
PF0100 Layout Guidelines
7.2
PF0100 Layout Guidelines
7.2.1
General Board Recommendations
1. It is recommended to use an eight layer board stack-up arranged as follows:
• High current signal
•GND
•Signal
• Power
• Power
•Signal
•GND
• High current signal
2. Allocate TOP and BOTTOM PCB Layers for POWER ROUTING (high current signals), copper-pour the unused area.
3. Use internal layers sandwiched between two GND planes for the SIGNAL routing.
7.2.2
Component Placement
It is desirable to keep all component related to the power stage as close to the PMIC as possible, specially decoupling input and
output capacitors.
7.2.3
General Routing Requirements
1. Some recommended things to keep in mind for manufacturability:
•
Via in pads require a 4.5 mil minimum annular ring. Pad must be 9.0 mils larger than the hole
•
Maximum copper thickness for lines less than 5.0 mils wide is 0.6 oz copper
•
Minimum allowed spacing between line and hole pad is 3.5 mils
•
Minimum allowed spacing between line and line is 3.0 mils
2. Care must be taken with SWxFB pins traces. These signals are susceptible to noise and must be routed far away from
power, clock, or high power signals, like the ones on the SWxIN, SWx, SWxLX, SWBSTIN, SWBST, and SWBSTLX pins.
They could be also shielded.
3. Shield feedback traces of the regulators and keep them as short as possible (trace them on the bottom so the ground and
power planes shield these traces).
4. Avoid coupling traces between important signal/low noise supplies (like REFCORE, VCORE, VCOREDIG) from any
switching node (i.e. SW1ALX, SW1BLX, SW1CLX, SW2LX, SW3ALX, SW3BLX, SW4LX, and SWBSTLX).
5. Make sure that all components related to a specific block are referenced to the corresponding ground.
7.2.4
Parallel Routing Requirements
1. I2C signal routing
•
CLK is the fastest signal of the system, so it must be given special care.
•
To avoid contamination of these delicate signals by nearby high power or high frequency signals, it is a good
practice to shield them with ground planes placed on adjacent layers. Make sure the ground plane is uniform
throughout the whole signal trace length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com