Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 122Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 123Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 124Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 125Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 126Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 127Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 128Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 129Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 137 page
background image
Analog Integrated Circuit Device Data
126
Freescale Semiconductor
PF0100
Typical Applications
Introduction
LDO, VGEN2 - (0.80-1.55), 250 MA
4.7
F
1
6.3 V X5R 0402
C0402X5R6R3-475MNP
Venkel
Output capacitance
LDO, VGEN3 - (1.80-3.30), 100 MA
2.2
F
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
1.0
F
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Input capacitance
LDO, VGEN4 - (1.80-3.30), 350 MA
4.7
F
1
6.3 V X5R 0402
C0402X5R6R3-475MNP
Venkel
Output capacitance
LDO, VGEN5 - (1.80-3.30), 150 MA
2.2
F
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
1.0
F
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Input capacitance
LDO, VGEN6 - (1.80-3.30), 200 MA
2.2
F
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
LDO/SWITCH VSNVS - (1.1-3.3), 200 MA
0.47
F
1
6.3 V X5R 0402
C1005X5R0J474K
TDK
Output capacitance
REFERENCE, VREFDDR - (0.20-1.65V), 10 MA
1.0
F
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Output capacitance
0.1
F
2
10 V X5R 0402
C0402C104K8PAC
Kemet
VHALF,
VINREFDDR
INTERNAL REFERENCES, VCOREDIG, VCOREREF, VCORE
1.0
F
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
VCOREDIG
1.0
F
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
VCORE
0.22
F
1
10 V X5R 0402
GRM155R61A224KE19D
Murata
VCOREREF
COIN CELL
0.1
F
1
10 V X5R 0402
C0402C104K8PAC
Kemet
LICELL
MISCELLANEOUS
1.0
F
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
VIN
100 k
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
PWRON
100 k
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
RESETBMCU
100 k
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
SDWN
100 k
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
INTB
Notes
75.
Freescale does not assume liability, endorse, or warrant components from external manufacturers that are referenced in circuit drawings
or tables. While Freescale offers component recommendations in this configuration, it is the customer’s responsibility to validate their
application.
Table 137. Bill of Material (continued) (75)
Value
Qty
Description
Part#
Manufacturer
Component/Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com