Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 224 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 224 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 220Page - Advanced Micro Devices AM79C976 Datasheet HTML 221Page - Advanced Micro Devices AM79C976 Datasheet HTML 222Page - Advanced Micro Devices AM79C976 Datasheet HTML 223Page - Advanced Micro Devices AM79C976 Datasheet HTML 224Page - Advanced Micro Devices AM79C976 Datasheet HTML 225Page - Advanced Micro Devices AM79C976 Datasheet HTML 226Page - Advanced Micro Devices AM79C976 Datasheet HTML 227Page - Advanced Micro Devices AM79C976 Datasheet HTML 228Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 309 page
background image
224
Am79C976
8/01/00
P R E L I M INARY
H_RESET, and is unaffected by
S_RESET and the STOP bit.
7
PMAT_MODE
Pattern Match Mode. Writing a 1
to this bit will enable Pattern
Match Mode and should only be
done after the Pattern Match
RAM has been programmed.
Read
and
write
accessible.
PMAT_MODE is reset to 0 when
power is initially applied to the de-
vice,
and
is
unaffected
by
S_RESET and the STOP bit.
6-0
PMR_ADDR Pattern Match Ram Address.
These bits are the Pattern Match
Ram address to be written to or
read from.
Read
and
write
accessible.
PMR_ADDR is reset to 0 when
power is first applied to the de-
vice (after power-on reset), and is
unaffected
by
H_RESET,
S_RESET and the STOP bit.
%&52Q1RZ 3DWWHUQ0DWFKLQJ5HJLVWHU 
Note: This register is used to control and indirectly ac-
cess the Pattern Match RAM (PMR). When BCR45 is
written and the PMAT_MODE bit (bit 7) is 1, Pattern
Match logic is enabled. No bus accesses into PMR are
possible, and BCR46, BCR47, and all other bits in
BCR45 are ignored. When PMAT_MODE is set, a read
of BCR45, BCR46, or BCR47 returns all undefined bits
except for PMAT_MODE.
When BCR45 is written and the PMAT_MODE bit is 0,
the Pattern Match logic is disabled and accesses to the
PMR are possible. Bits 6-0 of BCR45 specify the ad-
dress of the PMR word to be accessed. Following the
write to BCR45, the PMR word may be read by reading
BCR45, BCR46 and BCR47 in any order. To write to
PMR word, the write to BCR45 must be followed by a
write to BCR46 and a write to BCR47 in that order to
complete the operation. The RAM will not actually be
written until the write to BCR47 is complete. The write
to BCR47 causes all 5 bytes (four bytes of BCR46-47
and the upper byte of the BCR45) to be written to what-
ever PMR word is addressed by bits 6:0 of BCR45.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
PMR_B2
Pattern Match RAM Byte 2. This
byte is written into or read from
Byte 2 of the Pattern Match RAM.
Read
and
write
accessible.
PMR_B2
is
undefined
after
H_RESET, and is unaffected by
S_RESET and the STOP bit.
7-0
PMR_B1
Pattern Match RAM Byte 1. This
byte is written into or read from
Byte 1 of Pattern Match RAM.
Read
and
write
accessible.
PMR_B1
is
undefined
after
H_RESET, and is unaffected by
S_RESET and the STOP bit.
%&52Q1RZ 3DWWHUQ 0DWFKLQJ5HJLVWHU 
Note: This register is used to control and indirectly ac-
cess the Pattern Match RAM (PMR). When BCR45 is
written and the PMAT_MODE bit (bit 7) is 1, Pattern
Match logic is enabled. No bus accesses into PMR are
possible, and BCR46, BCR47, and all other bits in
BCR45 are ignored. When PMAT_MODE is set, a read
of BCR45, BCR46, or BCR47 returns all undefined bits
except for PMAT_MODE.
When BCR45 is written and the PMAT_MODE bit is 0,
the Pattern Match logic is disabled and accesses to the
PMR are possible. Bits 6-0 of BCR45 specify the ad-
dress of the PMR word to be accessed. Following the
write to BCR45, the PMR word may be read by reading
BCR45, BCR46 and BCR47 in any order. To write to
PMR word, the write to BCR45 must be followed by a
write to BCR46 and a write to BCR47 in that order to
complete the operation. The RAM will not actually be
written until the write to BCR47 is complete. The write
to BCR47 causes all 5 bytes (four bytes of BCR46-47
and the upper byte of the BCR45) to be written to what-
ever PMR word is addressed by bits 6:0 of BCR45.
When PMAT_MODE is 0, the contents of the word ad-
dressed by bits 6:0 of BCR45 can be read by reading
BCR45-47 in any order.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
PMR_B4
Pattern Match RAM Byte 4. This
byte is written into or read from
Byte 4 of Pattern Match RAM.
Read
and
write
accessible.
PMR_B4
is
undefined
after
H_RESET, and is unaffected by
S_RESET and the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com