Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 220 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 220 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 216Page - Advanced Micro Devices AM79C976 Datasheet HTML 217Page - Advanced Micro Devices AM79C976 Datasheet HTML 218Page - Advanced Micro Devices AM79C976 Datasheet HTML 219Page - Advanced Micro Devices AM79C976 Datasheet HTML 220Page - Advanced Micro Devices AM79C976 Datasheet HTML 221Page - Advanced Micro Devices AM79C976 Datasheet HTML 222Page - Advanced Micro Devices AM79C976 Datasheet HTML 223Page - Advanced Micro Devices AM79C976 Datasheet HTML 224Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 309 page
background image
220
Am79C976
8/01/00
P R E L I M INARY
5-bit Register Address field that is
used in the management frame
that gets clocked out via the MII
management port pins (MDC and
MDIO) whenever a read or write
transaction occurs to BCR34.
Read/Write accessible. REGAD
is undefined after H_RESET and
is unaffected by S_RESET and
the STOP bit.
%&50,, 0DQDJHPHQW'DWD 5HJLVWHU
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MIIMD
MII Management Data. MIIMD is
the data port for operations on
the MII management interface
(MDIO
and
MDC).
The
Am79C976 device builds man-
agement frames using the PHY-
AD and REGAD values from
BCR33. The operation code used
in each frame is based upon
whether a read or write operation
has been performed to BCR34.
Read cycles on the MII manage-
ment interface are invoked when
BCR34 is read. Upon completion
of the read cycle, the 16-bit result
of the read operation is stored in
MIIMD. Write cycles on the MII
management interface are in-
voked when BCR34 is written.
The value written to MIIMD is the
value used in the data field of the
management write frame.
Read/Write accessible. MIIMD is
undefined after H_RESET and is
unaffected by S_RESET and the
STOP bit.
%&53&, 9HQGRU,' 5HJLVWHU
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
VID
Vendor ID. The PCI Vendor ID
register is a 16-bit register that
identifies the manufacturer of the
Am79C976
controller.
AMD’s
Vendor ID is 1022h. Note that this
Vendor ID is not the same as the
Manufacturer ID in CSR88 and
CSR89. The Vendor ID is as-
signed by the PCI Special Inter-
est Group.
The Vendor ID is not normally
programmable,
but
the
Am79C976 controller allows this
due to legacy operating systems
that do not look at the PCI Sub-
system Vendor ID and the Ven-
dor ID to uniquely identify the
add-in board or subsystem that
the Am79C976 controller is used
in.
Note: If the operating system or
the network operating system
supports PCI Subsystem Vendor
ID and Subsystem ID, use those
to identify the add-in board or
subsystem and program the VID
with the default value of 1022h.
VID is aliased to the PCI configu-
ration space register Vendor ID
(offset 00h).
VID is read only. Write operations
are ignored. VID is set to 1022h
by H_RESET and is not affected
by S_RESET or by setting the
STOP bit.
%&5 3&, 3RZHU 0DQDJHPHQW &DSDELOLWLHV 30&
$OLDV5HJLVWHU
This register is an alias of the PMC register located at
offset 42h of the PCI Configuration Space. It is included
for compatibility with older PCnet devices. Since the
PMC register is read only, in older PCnet devices
BCR36 provides a means of programming PMC
through the EEPROM.
In the Am79C976 controller there is a single PMC reg-
ister that can be accessed through three different mem-
ory spaces. It can be accessed as read-only through
PCI Configuration Space (at offset 42h), read-only
through BCR36, or read-write through the memory-
mapped PMC Alias Register at offset 1B8h. It can be
loaded from the EEPROM through offset 1B8h in the
Am79C976 controller’s memory-mapped I/O space.
For the definition of the bits in this register, refer to the
PMC register definition. BCR36 is read only. It is set to
0C802h by H_RESET and is not affected by S_RESET
or setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com