Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 217 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 217 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 213Page - Advanced Micro Devices AM79C976 Datasheet HTML 214Page - Advanced Micro Devices AM79C976 Datasheet HTML 215Page - Advanced Micro Devices AM79C976 Datasheet HTML 216Page - Advanced Micro Devices AM79C976 Datasheet HTML 217Page - Advanced Micro Devices AM79C976 Datasheet HTML 218Page - Advanced Micro Devices AM79C976 Datasheet HTML 219Page - Advanced Micro Devices AM79C976 Datasheet HTML 220Page - Advanced Micro Devices AM79C976 Datasheet HTML 221Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 309 page
background image
8/01/00
Am79C976
217
P R E L I M INARY
13-8
RES
Reserved locations. Written as
zeros and read as undefined.
7-0
EPADDRU
Expansion Port Address Upper.
This upper portion of the Expan-
sion Bus address is used to pro-
vide addresses for Flash/EPROM
port accesses.
Read accessible always; write
accessible only when the STOP
bit is set or when SRAM SIZE
(BCR25, bits 7-0) is 0. EPADD-
RU is undefined after H_RESET
and is unaffected by S_RESET or
the STOP bit.
%&5([SDQVLRQ%XV'DWD 3RUW5HJLVWHU
Bit
Name
Description
31-8
RES
Reserved locations. Written as
zeros and read as undefined.
7-0
EBDATA
Expansion Bus Data Port. EBDA-
TA is the data port for operations
on the Expansion Port involving
Flash accesses.
Flash read cycles are performed
when BCR30 is read. Upon com-
pletion of the read cycle, the 8-bit
result for Flash access is stored
in EBDATA[7:0]. Flash write cy-
cles are performed when BCR30
is written and the FLASH bit
(BCR29, bit 15) is set to 1.
Read and write accessible. EB-
DATA
is
undefined
after
H_RESET, and is unaffected by
S_RESET and the STOP bit.
%&56RIWZDUH 7LPHU 5HJLVWHU
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
STVAL
Software Timer Value. STVAL
controls the maximum time for
the Software Timer to count be-
fore
generating
the
STINT
(CSR7, bit 11) interrupt. The Soft-
ware Timer is a free-running tim-
er that is started upon the first
write to STVAL. After the first
write, the Software Timer will
continually count and set the
STINT interrupt at the STVAL pe-
riod.
The STVAL value is interpreted
as an unsigned number with a
resolution of 10.24µs. For in-
stance, if STVAL is set to 48,828
(0BEBCh), the Software Timer
period will be 0.5 s.
Setting STVAL to a value of 0 will
result in erratic behavior.
Read
and
write
accessible.
STVAL is set to FFFFh after
H_RESET and is unaffected by
S_RESET and the STOP bit.
%&50,, &RQWURODQG6WDWXV5HJLVWHU
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
ANTST
Reserved
for
manufacturing
tests. Written as 0 and read as
undefined.
Note: Use of this bit will cause
data corruption and erroneous
operation.
Read/Write accessible. ANTST is
set to 0 by H_RESET and is unaf-
fected by S_RESET and the
STOP bit.
14
MIIPD
MII PHY Detect. MIIPD reflects
the quiescent state of the MDIO
pin. MIIPD is continuously updat-
ed whenever there is no manage-
ment operation in progress on the
MII interface. When a manage-
ment operation begins on the in-
terface, the state of MIIPD is
preserved
until
the
operation
ends, when the quiescent state is
again monitored and continuous-
ly updates the MIIPD bit. When
the MDIO pin is at a quiescent
LOW state, MIIPD is cleared to 0.
When the MDIO pin is at a quies-
cent HIGH state, MIIPD is set to
1. Any transition on the MIIPD bit
will set the MIIPDTINT bit (CSR7,
bit 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com