Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 215 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 215 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 211Page - Advanced Micro Devices AM79C976 Datasheet HTML 212Page - Advanced Micro Devices AM79C976 Datasheet HTML 213Page - Advanced Micro Devices AM79C976 Datasheet HTML 214Page - Advanced Micro Devices AM79C976 Datasheet HTML 215Page - Advanced Micro Devices AM79C976 Datasheet HTML 216Page - Advanced Micro Devices AM79C976 Datasheet HTML 217Page - Advanced Micro Devices AM79C976 Datasheet HTML 218Page - Advanced Micro Devices AM79C976 Datasheet HTML 219Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 309 page
background image
8/01/00
Am79C976
215
P R E L I M INARY
SVID is aliased to the PCI config-
uration space register Subsystem
Vendor ID (offset 2Ch).
SVID is read only. Write opera-
tions are ignored. SVID is cleared
to 0 by H_RESET and is not af-
fected by S_RESET or by setting
the STOP bit.
%&53&, 6XEV\VWHP,' 5HJLVWHU
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SID
Subsystem ID. SID is used to-
gether with SVID (BCR23, bits
15-0) to uniquely identify the add-
in
board
or
subsystem
the
Am79C976 controller is used in.
The value of SID is up to the sys-
tem vendor. A value of 0 (the de-
fault)
indicates
that
the
Am79C976 controller does not
support subsystem identification.
SID is aliased to the PCI configu-
ration space register Subsystem
ID (offset 2Eh).
SID is read only. Write operations
are ignored. SID is cleared to 0 by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
%&5 65$0 6L]H 5HJLVWHU
Bit
Name
Description
Note: Bits 7-0 in this register are programmable
through the EEPROM.
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SRAM_SIZE SRAM Size. Specifies the total
size of the SSRAM buffer in units
of 512-byte pages. For example,
assume that the external memory
consists of one 64K X 32 bit SS-
RAM, for a total of 256K bytes. In
this case SRAM_SIZE should be
set to 512 (256K divided by 512).
This field must be initialized to the
appropriate value, either by the
EEPROM or by the host CPU.
SRAM_SIZE must be set to a val-
ue less than or equal to 2000h.
Values larger than 2000h will
cause incorrect behavior.
Note:
The
minimum
allowed
number of pages is eight for nor-
mal
network
operation.
The
Am79C976 controller will not op-
erate correctly with less than the
eight pages of memory. When
the minimum number of pages is
used, these pages must be allo-
cated four each for transmit and
receive.
CAUTION:
Programming
SRAM_BND and SRAM_SIZE to
the same value will cause data
corruption.
Read/Write
accessible.
SRAM_SIZE is set to 000000b
during H_RESET and is unaffect-
ed by S_RESET or STOP.
%&565$0 %RXQGDU\ 5HJLVWHU
Bit
Name
Description
Note: Bits 7-0 in this register are programmable
through the EEPROM.
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SRAM_BND SRAM Boundary. Specifies the
size of the transmit buffer portion
of the SRAM in units of 512-byte
pages.
For
example
if
SRAM_BND is set to 10, then
5120 bytes of the SRAM will be
allocated for the transmit buffer
and the rest will be allocated for
the receive buffer.
The transmit buffer in the SRAM
begins at address 0 and ends at
the address (SRAM_BND*512)-
1. Therefore, the receive buffer
always begins on a 512-byte
boundary.
SRAM_BND must be initialized to
an appropriate value, either by
the EEPROM or by the host CPU.
SRAM_BND must be set to a val-
ue less than or equal to IFFCh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com