Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 218 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 218 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 214Page - Advanced Micro Devices AM79C976 Datasheet HTML 215Page - Advanced Micro Devices AM79C976 Datasheet HTML 216Page - Advanced Micro Devices AM79C976 Datasheet HTML 217Page - Advanced Micro Devices AM79C976 Datasheet HTML 218Page - Advanced Micro Devices AM79C976 Datasheet HTML 219Page - Advanced Micro Devices AM79C976 Datasheet HTML 220Page - Advanced Micro Devices AM79C976 Datasheet HTML 221Page - Advanced Micro Devices AM79C976 Datasheet HTML 222Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 309 page
background image
218
Am79C976
8/01/00
P R E L I M INARY
MIIPD is read only. Write opera-
tions are ignored.
13-12
FMDC
Fast Management Data Clock.
When FMDC is set to 2h the MII
Management Data Clock will run
at 10 MHz max. The Manage-
ment Data Clock will no longer be
IEEE 802.3u-compliant and set-
ting this bit should be used with
care. The accompanying external
PHY must also be able to accept
management frames at the new
clock rate. When FMDC is set to
1h, the MII Management Data
Clock will run at 5 MHz max. The
Management Data Clock will no
longer be IEEE 802.3u-compliant
and setting this bit should be
used with care. The accompany-
ing external PHY must also be
able
to
accept
management
frames at the new clock rate.
When FMDC is set to 0h, the MII
Management Data Clock will run
at 2.5 MHz max and will be fully
compliant to IEEE 802.3u stan-
dards. See Table 94.
Read/Write accessible. FMDC is
set to 0 during H_RESET, and is
unaffected by S_RESET and the
STOP bit
11
APEP
MII
Auto-Poll
External
PHY.
when APEP is set to 1, the
Am79C976 controller will poll the
MII status register in the external
PHY. This feature allows the soft-
ware driver or upper layers to see
any changes in the status of the
external PHY. An interrupt, when
enabled, is generated when the
contents of the new status is dif-
ferent from the previous status.
Read/Write accessible. APEP is
set to 0 during H_RESET and is
unaffected by S_RESET and the
STOP bit.
10-8
APDW
MII Auto-Poll Dwell Time. APDW
determines the dwell time be-
tween MII Management Frames
accesses
when
Auto-Poll is
turned on. See Table 95.
Read/Write accessible. APDW is
set to 100b after H_RESET and
is unaffected by S_RESET and
the STOP bit.
7
DISPM
Disable Port Manager. (The cor-
responding bit in older PCnet
family devices is called Disable
Auto-Negotiation Auto Setup or
DANAS. The name has been
changed, but not the function.)
When
DISPM
is
set,
the
Am79C976
controller
after
a
H_RESET or S_RESET will re-
main dormant and not automati-
cally
start
up
the
Auto-
Negotiation section or the en-
hanced automatic port selection
section. Instead, the Am79C976
controller will wait for the soft-
ware driver to set up the Auto-Ne-
gotiation portions of the device.
The MII programming in BCR33
and BCR34 is still valid. The
Am79C976
controller will not
generate
any
management
frames unless Auto-Poll is en-
abled.
Read/write accessible. DISPM is
set to 0 by H_RESET and is unaf-
fected by S_RESET and the
STOP bit.
6
XPHYRST
External PHY Reset. When XPH-
YRST is set, the Am79C976 con-
troller after an H_RESET or
S_RESET will issue an MII man-
agement frame that will reset the
Table 94. FMDC Values
FMDC
Fast Management Data Clock
00
2.5 MHz max
01
5 MHz max
10
10 MHz max
11
Reserved
Table 95. APDW Values
APDW
Auto-Poll
É Dwell Time
000
Continuous (26
ms @ 2.5 MHz)
001
Every 64 MDC cycles (51
ms @ 2.5 MHz)
010
Every 128 MDC cycles (103
ms @ 2.5 MHz)
011
Every 256 MDC cycles (206
ms @ 2.5 MHz)
100
Every 512 MDC cycles (410
ms @ 2.5 MHz)
101
Every 1024 MDC cycles (819
ms @ 2.5 MHz)
110-111 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com