Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 216 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 216 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 212Page - Advanced Micro Devices AM79C976 Datasheet HTML 213Page - Advanced Micro Devices AM79C976 Datasheet HTML 214Page - Advanced Micro Devices AM79C976 Datasheet HTML 215Page - Advanced Micro Devices AM79C976 Datasheet HTML 216Page - Advanced Micro Devices AM79C976 Datasheet HTML 217Page - Advanced Micro Devices AM79C976 Datasheet HTML 218Page - Advanced Micro Devices AM79C976 Datasheet HTML 219Page - Advanced Micro Devices AM79C976 Datasheet HTML 220Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 309 page
background image
216
Am79C976
8/01/00
P R E L I M INARY
Values larger than IFFCh will
cause incorrect behavior.
Note:
The
minimum
allowed
number of pages is four and the
maximum is SRAM_SIZE-4. The
Am79C976 controller will not op-
erate correctly with less than four
pages of memory per queue. See
Table 93 for SRAM_BND pro-
gramming details.
CAUTION:
Programming
SRAM_BND and SRAM_SIZE to
the same value will cause data
corruption.
Read/Write
accessible.
SRAM_BND is set to 00000000b
during H_RESET and is unaffect-
ed by S_RESET or STOP.
%&565$0 ,QWHUIDFH&RQWURO 5HJLVWHU
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
PTR TST
Reserved. Reserved for manu-
facturing tests. Written as zero
and read as undefined.
Note: Use of this bit will cause
data corruption and erroneous
operation.
Read/Write
accessible.
PTR_TST
is
set
to
0
by
H_RESET and is unaffected by
S_RESET and the STOP bit.
14
LOLATRX
Obsolete function. Writing has no
effect. Read as undefined.
13-6
RES
Reserved locations. Written as
zeros and read as undefined.
5-3
EBCS
Obsolete function. Writing has no
effect. Read as undefined.
2-0
CLK_FAC
Obsolete function. Writing has no
effect. Read as undefined.
%&5 ([SDQVLRQ %XV 3RUW $GGUHVV /RZHU 8VHG
IRU )ODVK(3520 DQG 65$0 $FFHVVHV
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
EPADDRL
Expansion Port Address Lower.
This address is used to provide
addresses for the Flash port ac-
cesses.
Flash accesses are started when
a read or write is performed on
BCR30. During Flash accesses
all bits in EPADDR are valid.
Read accessible always; write
accessible only when
STOP is
set
or
when
SRAM_SIZE
(BCR25, bits 7-0) is 0. EPADDRL
is undefined after H_RESET and
is unaffected by S_RESET or
STOP.
%&5([SDQVLRQ3RUW $GGUHVV 8SSHU 8VHGIRU
)ODVK(3520 $FFHVVHV
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
FLASH
Obsolete function. Read only. Al-
ways returns logic 1.
14
LAAINC
Lower Address Auto Increment.
When the LAAINC bit is set to 1,
the Expansion Port Lower Ad-
dress will automatically increment
by one after a read or write ac-
cess to EBDATA (BCR30). When
EBADDRL reaches FFFFh and
LAAINC is set to 1, the Expansion
Port Lower Address (EPADDRL)
will roll over to 0000h. When the
LAAINC bit is set to 0, the Expan-
sion Port Lower Address will not
be affected in any way after an
access to EBDATA (BCR30) and
must be programmed.
Read accessible always; write
accessible only when the STOP
bit is set. LAINC is 0 after
H_RESET and is unaffected by
S_RESET or the STOP bit.
Table 93. SRAM_BND Programming
SRAM Addresses
SRAM_BND 11:0]
Minimum SRAM_BND
Address
004h
Maximum SRAM_BND Address
SRAM_SIZE - 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com