Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 212 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 212 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 208Page - Advanced Micro Devices AM79C976 Datasheet HTML 209Page - Advanced Micro Devices AM79C976 Datasheet HTML 210Page - Advanced Micro Devices AM79C976 Datasheet HTML 211Page - Advanced Micro Devices AM79C976 Datasheet HTML 212Page - Advanced Micro Devices AM79C976 Datasheet HTML 213Page - Advanced Micro Devices AM79C976 Datasheet HTML 214Page - Advanced Micro Devices AM79C976 Datasheet HTML 215Page - Advanced Micro Devices AM79C976 Datasheet HTML 216Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 309 page
background image
212
Am79C976
8/01/00
P R E L I M INARY
1
ESK
EEPROM Serial Clock. This bit
and the EDI/EDO bit are used to
control
host
access
to
the
EEPROM. Values programmed
to this bit are placed onto the
EESK pin at the rising edge of the
next clock following bit program-
ming, except when the PREAD
bit is set to 1 or the EEN bit is set
to 0. If both the ESK bit and the
EDI/EDO bit values are changed
during one BCR19 write opera-
tion, while EEN = 1, then setup
and hold times of the EEDI pin
value with respect to the EESK
signal edge are not guaranteed.
ESK has no effect on the EESK
pin unless the PREAD bit is set to
0 and the EEN bit is set to 1.
Read/Write accessible. ESK is
reset to 0 by H_RESET and is not
affected by S_RESET or STOP.
0
EDI/EDO
EEPROM
Data
In/EEPROM
Data Out. Data that is written to
this bit will appear on the EEDI
output of the interface, except
when the PREAD bit is set to 1 or
the EEN bit is set to 0. Data that
is read from this bit reflects the
value of the EEDO input of the in-
terface.
EDI/EDO has no effect on the
EEDI pin unless the PREAD bit is
set to 0 and the EEN bit is set to
1.
Read/Write accessible. EDI/EDO
is reset to 0 by H_RESET and is
not affected by S_RESET or
STOP.
%&56RIWZDUH 6W\OH
This register is an alias of the location CSR58. Accesses
to and from this register are equivalent to accesses to
CSR58.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-11
RES
Reserved locations. Written as
zeros and read as undefined.
10
APERREN
Obsolete function. Writing has no
effect. Read as undefined.
9
RES
Reserved locations. Written as
zeros; read as undefined.
8
SSIZE32
Software Size 32 bits. When set,
this
bit
indicates
that
the
Am79C976
controller
utilizes
32-bit software structures for the
initialization block and the trans-
mit and receive descriptor en-
tries.
When
cleared,
this bit
indicates that the Am79C976
controller utilizes 16-bit software
structures for the initialization
block and the transmit and re-
ceive descriptor entries. In this
mode, the Am79C976 controller
is backwards compatible with the
Am7990 LANCE and Am79C960
PCnet-ISA controllers.
The value of SSIZE32 is deter-
mined by the Am79C976 control-
ler according to the setting of the
Software Style (SWSTYLE, bits
7-0 of this register).
SSIZE32 is read only; write oper-
ations will be ignored. SSIZE32
will be cleared after H_RESET
(since SWSTYLE defaults to 0)
and is not affected by S_RESET
or STOP.
If SSIZE32 is reset, then bits
IADR[31:24] of CSR2 will be
used to generate values for the
upper 8 bits of the 32-bit address
bus during master accesses initi-
ated by the Am79C976 controller.
This action is required, since the
16-bit software structures speci-
fied by the SSIZE32 = 0 setting
will yield only 24 bits of address
for Am79C976
controller bus
master accesses.
If SSIZE32 is set, then the soft-
ware structures that are common
to the Am79C976 controller and
the host system will supply a full
32 bits for each address pointer
that is needed by the Am79C976
controller for performing master
accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com