Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 208 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 208 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 204Page - Advanced Micro Devices AM79C976 Datasheet HTML 205Page - Advanced Micro Devices AM79C976 Datasheet HTML 206Page - Advanced Micro Devices AM79C976 Datasheet HTML 207Page - Advanced Micro Devices AM79C976 Datasheet HTML 208Page - Advanced Micro Devices AM79C976 Datasheet HTML 209Page - Advanced Micro Devices AM79C976 Datasheet HTML 210Page - Advanced Micro Devices AM79C976 Datasheet HTML 211Page - Advanced Micro Devices AM79C976 Datasheet HTML 212Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 309 page
background image
208
Am79C976
8/01/00
P R E L I M INARY
%&5,2 %DVH $GGUHVV 8SSHU
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
IOBASEU
Reserved
locations.
After
H_RESET, the value in this regis-
ter will be undefined. The settings
of this register will have no effect
on
any
Am79C976
controller
function. It is only included for
software compatibility with other
PCnet family devices.
Read/Write
accessible.
IO-
BASEU
is
not
affected
by
S_RESET or STOP.
%&5%XUVWDQG %XV&RQWURO5HJLVWHU
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-12
ROMTMG
Expansion ROM Timing. The val-
ue of ROMTMG is used to tune
the timing for all accesses to the
external Flash/EPROM.
ROMTMG defines the amount of
time that a valid address is driven
on the ERA[19:0] pins.
The register value specifies delay
in number of ROMCLK cycles,
where ROMCLK is an internal
clock signal that runs at one
fourth the speed of ERCLK.
Note: Programming ROMTNG
with a value of 0 is not permitted.
To ensure adequate expansion
ROM
setup
time,
ROMTMG
should be set to 1 plus tACC /
(ROMCLK period), where tACC
is the access time of the expan-
sion
ROM
device
(Flash
or
EPROM). (The extra ROMCLK
cycle is added to account for the
ERA[19:0]
output
delay
from
ROMCLK plus the ERD[7:0] set-
up time to ROMCLK.)
This field is an alias of CTRL0,
bits 11-8.
Read/Write accessible. ROMT-
MG is set to the value of 1001b by
H_RESET and is not affected by
S_RESET or STOP. The default
value allows the use of an Expan-
sion ROM with an access time of
350 ns if ERCLK is running at 90
MHz.
11
NOUFLO
No Underflow on Transmit. When
the NOUFLO bit is set to 1, the
Am79C976 controller will not
start transmitting the preamble
for a packet until the Transmit
Start Point (CTRL1, bits 16-17)
requirement has been met and
the complete packet has been
copied into the transmit FIFO.
When the NOUFLO bit is cleared
to 0, the Transmit Start Point is
the only restriction on when pre-
amble transmission begins for
transmit packets.
Setting the NOUFLO bit guaran-
tees that the Am79C976 control-
ler will never suffer transmit
underflows, because the arbiter
that controls transfers to and from
the SSRAM guarantees a worst
case latency on transfers to and
from the MAC and Bus Transmit
FIFOs such that it will never un-
derflow if the complete packet
has
been
copied
into
the
Am79C976
controller
before
packet transmission begins.
Read/Write accessible. NOUFLO
is cleared to 0 after H_RESET or
S_RESET and is unaffected by
STOP.
10
RES
Reserved location. Written as ze-
ros and read as undefined.
9
MEMCMD
Obsolete function. Writing has no
effect. Read as undefined.
8
EXTREQ
Obsolete function. Writing has no
effect. Read as undefined.
7
DWIO
Double Word I/O. When set, this
bit indicates that the Am79C976
controller
is
programmed
for
DWord I/O (DWIO) mode. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com