Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 205 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 205 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 201Page - Advanced Micro Devices AM79C976 Datasheet HTML 202Page - Advanced Micro Devices AM79C976 Datasheet HTML 203Page - Advanced Micro Devices AM79C976 Datasheet HTML 204Page - Advanced Micro Devices AM79C976 Datasheet HTML 205Page - Advanced Micro Devices AM79C976 Datasheet HTML 206Page - Advanced Micro Devices AM79C976 Datasheet HTML 207Page - Advanced Micro Devices AM79C976 Datasheet HTML 208Page - Advanced Micro Devices AM79C976 Datasheet HTML 209Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 309 page
background image
8/01/00
Am79C976
205
P R E L I M INARY
physical, logical filtering, broad-
cast, and promiscuous.
Read/Write accessible. RCVME
is cleared by H_RESET and is
not affected by S_RESET or set-
ting the STOP bit.
4
XMTE
Transmit Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is transmit
activity on the network.
Read/Write accessible. XMTE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
3
RES
Reserved location. Written and
read as zeros.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network.
Read/Write accessible. RCVE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
1
SFBDE
Start Frame/Byte Delimiter En-
able. When this bit is set, a value
of 1 is passed to the LEDOUT bit
in this register when the RXD[3:0]
pins are presenting the least sig-
nificant nibble of valid frame data.
Read/Write accessible. RCVE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
0
COLE
Collision Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is collision
activity on the network.
Read/Write accessible. COLE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
%&5 /(' 6WDWXV
BCR7 controls the function(s) that the LED3 pin dis-
plays. Multiple functions can be simultaneously enabled
on this LED pin. The LED display will indicate the logical
OR of the enabled functions. BCR7 defaults to collision
indication (COLE = 1) with pulse stretcher enabled
(PSE = 1) and is fully programmable.
Note: When LEDPE (BCR2, bit 12) is set to 1, pro-
gramming of the LED3 Status register is enabled.
When LEDPE is cleared to 0, programming of the
LED3 register is disabled. Writes to this register will be
ignored.
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
LEDOUT
This bit indicates the current
(non-stretched) value of the LED
output pin. A value of 1 in this bit
indicates that the OR of the en-
abled signals is true.
The logical value of the LEDOUT
status signal is determined by the
settings of the individual Status
Enable bits of the LED register
(bits 8 and 6-0).
This bit is read only; writes have
no effect. LEDOUT is unaffected
by
H_RESET,
S_RESET,
or
STOP.
14
LEDPOL
LED Polarity. When this bit has
the value 0, the LED pin will be
driven to a LOW level whenever
the OR of the enabled signals is
true. The LED pin will be disabled
and allowed to float high whenev-
er the OR of the enabled signals
is false (i.e., the LED output will
be an Open Drain output and the
output value will be the inverse of
the LEDOUT status bit).
When this bit has the value 1, the
LED pin will be driven to a HIGH
level whenever the OR of the en-
abled signals is true. The LED pin
will be driven to a LOW level
whenever the OR of the enabled
signals is false (i.e., the LED out-
put will be a Totem Pole output
and the output value will be the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com