Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 207 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 207 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 203Page - Advanced Micro Devices AM79C976 Datasheet HTML 204Page - Advanced Micro Devices AM79C976 Datasheet HTML 205Page - Advanced Micro Devices AM79C976 Datasheet HTML 206Page - Advanced Micro Devices AM79C976 Datasheet HTML 207Page - Advanced Micro Devices AM79C976 Datasheet HTML 208Page - Advanced Micro Devices AM79C976 Datasheet HTML 209Page - Advanced Micro Devices AM79C976 Datasheet HTML 210Page - Advanced Micro Devices AM79C976 Datasheet HTML 211Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 309 page
background image
8/01/00
Am79C976
207
P R E L I M INARY
affected by S_RESET or setting
the STOP bit.
3
RES
Reserved location. Written and
read as zeros.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network.
Read/Write accessible. RCVE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
1
SFBDE
Start Frame/Byte Delimiter En-
able. When this bit is set, a value
of 1 is passed to the LEDOUT bit
in this register when the RXD[3:0]
pins are presenting the least sig-
nificant nibble of valid frame data.
Read/Write accessible. RCVE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
0
COLE
Collision Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is collision
activity on the network.
Read/Write accessible. COLE is
set to 1 by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
%&5)XOO'XSOH[ &RQWURO
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-3
RES
Reserved locations. Written as
zeros and read as undefined.
2
FDRPAD
Full-Duplex Runt Packet Accept
Disable. When FDRPAD is set to
1 and full-duplex mode is en-
abled, the Am79C976 controller
will only receive frames that meet
the
minimum
Ethernet
frame
length of 64 bytes. Receive DMA
will not start until at least 64 bytes
or a complete frame have been
received.
When
FDRPAD
is
cleared to 0, the Am79C976 con-
troller will accept any frame of 12
bytes or greater, and receive
DMA will start according to the
programming of the receive FIFO
watermark.
Read/Write accessible. FDRPAD
is set to 1 by H_RESET and is not
affected by S_RESET or by set-
ting the STOP bit.
1
RES
Reserved locations. Written as
zeros and read as undefined.
0
FDEN
Full-Duplex Enable. FDEN con-
trols whether full-duplex opera-
tion is enabled. When FDEN is
cleared and the Auto-Negotiation
is disabled, full-duplex operation
is
not
enabled
and
the
Am79C976 controller will always
operate in the half-duplex mode.
When
FDEN
is
set,
the
Am79C976 controller will operate
in full-duplex mode when the MII
port is enabled. Do not set this
bit when Auto-Negotiation is
enabled.
Read/Write accessible. FDEN is
reset to 0 by H_RESET, and is
unaffected by S_RESET and the
STOP bit.
%&5,2 %DVH $GGUHVV /RZHU
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-5
IOBASEL
Reserved
locations.
After
H_RESET, the value of these bits
will be undefined. The settings of
these bits will have no effect on
any Am79C976 controller func-
tion. It is only included for soft-
ware
compatibility
with
other
PCnet family devices.
Read/Write
accessible.
IO-
BASEL
is
not
affected
by
S_RESET or STOP.
4-0
RES
Reserved locations. Written as
zeros, read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com