Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 211 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 211 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 207Page - Advanced Micro Devices AM79C976 Datasheet HTML 208Page - Advanced Micro Devices AM79C976 Datasheet HTML 209Page - Advanced Micro Devices AM79C976 Datasheet HTML 210Page - Advanced Micro Devices AM79C976 Datasheet HTML 211Page - Advanced Micro Devices AM79C976 Datasheet HTML 212Page - Advanced Micro Devices AM79C976 Datasheet HTML 213Page - Advanced Micro Devices AM79C976 Datasheet HTML 214Page - Advanced Micro Devices AM79C976 Datasheet HTML 215Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 309 page
background image
8/01/00
Am79C976
211
P R E L I M INARY
Table 90 indicates the possible
combinations of EEDET and the
existence of an EEPROM and the
resulting operations that are pos-
sible on the EEPROM interface.
Table 90. EEDET Setting
12-5
RES
Reserved locations. Written as
zeros; read as undefined.
4
EEN
EEPROM Port Enable. When this
bit is set to a 1, it causes the val-
ues of ECS, ESK, and EDI to be
driven onto the EECS, EESK,
and EEDI pins, respectively. If
EEN = 0 and no EEPROM read
function is currently active, then
EECS will be driven LOW. When
EEN = 0 and no EEPROM read
function is currently active, EESK
and EEDI pins will be driven by
the LED registers BCR5 and
BCR4, respectively. See Table
91.
Read/Write accessible. EEN is
set to 0 by H_RESET and is unaf-
fected by S_RESET or STOP.
35($'DQG$XWR 5HDGUHTXLUHG DQ ((3520 ZLWKVXSSRUWIRUVHTXHQWLDO UHDG DXWRPDWLFDGGUHVV LQFUHPHQW 
3
RES
Reserved location. Written as
zero and read as undefined.
2
ECS
EEPROM Chip Select. This bit is
used to control the value of the
EECS pin of the interface when
the EEN bit is set to 1 and the
PREAD bit is set to 0. If EEN = 1
and PREAD = 0 and ECS is set
to a 1, then the EECS pin will be
forced to a HIGH level at the ris-
ing edge of the next clock follow-
ing bit programming.
If EEN = 1 and PREAD = 0 and
ECS is set to a 0, then the EECS
pin will be forced to a LOW level
at the rising edge of the next
clock following bit programming.
ECS has no effect on the output
value of the EECS pin unless the
PREAD bit is set to 0 and the
EEN bit is set to 1.
Read/Write accessible. ECS is
set to 0 by H_RESET and is not
affected by S_RESET or STOP.
EEDET Value
(BCR19[13])
EEPROM
Connected?
Result if PREAD is Set to 1
Result of Automatic EEPROM Read
Operation Following H_RESET
0
No
EEPROM read operation is attempted.
Entire read sequence will occur; checksum
failure will result; PVALID is reset to 0.
First two EESK clock cycles are generated,
then EEPROM read operation is aborted
and PVALID is reset to 0.
0
Yes
EEPROM read operation is attempted.
Entire read sequence will occur; checksum
operation will pass; PVALID is set to 1.
First two EESK clock cycles are generated,
then EEPROM read operation is aborted
and PVALID is reset to 0.
1
No
EEPROM read operation is attempted.
Entire read sequence will occur; checksum
failure will result; PVALID is reset to 0.
EEPROM read operation is attempted.
Entire read sequence will occur; checksum
failure will result; PVALID is reset to 0.
1
Yes
EEPROM read operation is attempted.
Entire read sequence will occur; checksum
operation will pass; PVALID is set to 1.
EEPROM read operation is attempted.
Entire read sequence will occur; checksum
operation will pass; PVALID is set to 1.
Table 91. Interface Pin Assignment
567 Pin
*PREAD or Auto
Read in Progress
EEN
EECS
EESK
EEDI
Low
X
X
0
Tri-State
Tri-State
High
1
X
Active
Active
Active
High
0
1
From ECS
Bit of BCR19
From ESK Bit of
BCR19
From EEDI Bit of
BCR19
High
0
0
0
LED1
LED0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com