Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 229 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 229 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 225Page - Advanced Micro Devices AM79C976 Datasheet HTML 226Page - Advanced Micro Devices AM79C976 Datasheet HTML 227Page - Advanced Micro Devices AM79C976 Datasheet HTML 228Page - Advanced Micro Devices AM79C976 Datasheet HTML 229Page - Advanced Micro Devices AM79C976 Datasheet HTML 230Page - Advanced Micro Devices AM79C976 Datasheet HTML 231Page - Advanced Micro Devices AM79C976 Datasheet HTML 232Page - Advanced Micro Devices AM79C976 Datasheet HTML 233Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 309 page
background image
8/01/00
Am79C976
229
P R E L I M INARY
The following tables describe the bits of the receive
descriptors in more detail.
7DEOH 5HFHLYH'HVFULSWRU 6:67</( 
Offset
Bit
Name
Description
0
15-0
RBADR
Receive Buffer Address. This field contains the address of the receive buffer that is
associated with this descriptor.
2
15
OWN
This bit indicates whether the descriptor entry is owned by the host (OWN = 0) or by
the Am79C976 controller (OWN = 1). The host sets the OWN bit after it has emptied
the buffer pointed to by the descriptor entry. The Am79C976 controller clears the
OWN bit after filling the buffer that the description points to. Both the Am79C976
controller and the host must not alter a descriptor entry after it has relinquished
ownership.
14
ERR
Error Summary.
ERR is the OR of FRAM, OFLO, and CRC. ERR is set by the
Am79C976 controller and cleared by the host.
13
FRAM
Framing error indicates that the incoming frame contains a non-integer multiple of
eight bits and there was an FCS error. If there was no FCS error on the incoming
frame, then FRAM will not be set even if there was a non- integer multiple of eight bits
in the frame. FRAM is not valid in internal loopback mode. FRAM is valid only when
ENP is set and OFLO is not. FRAM is set by the Am79C976 controller and cleared by
the host.
12
OFLO
Overflow error indicates that the receiver has lost all or part of the incoming frame,
due to an inability to move data from the receive FIFO into a memory buffer before the
internal FIFO overflowed. OFLO is set by the Am79C976 controller and cleared by the
host.
11
CRC
CRC indicates that the receiver has detected a CRC (FCS) error on the incoming
frame. CRC is valid only when ENP is set and OFLO is not. CRC is set by the
Am79C976 controller and cleared by the host. CRC will also be set when Am79C976
receives an RX_ER indication from the external PHY through the MII.
10
Reserved.
9STP
Start of Packet indicates that this is the first buffer used by the Am79C976 controller
for this frame. If STP and ENP are both set to 1, the frame fits into a single buffer.
Otherwise, the frame is spread over more than one buffer. When LAPPEN (CSR3, bit
5) is cleared to 0, STP is set by the Am79C976 controller and cleared by the host.
When LAPPEN is set to 1, STP must be set by the host.
8ENP
End of Packet indicates that this is the last buffer used by the Am79C976 controller for
this frame. It is used for data chaining buffers. If both STP and ENP are set, the frame
fits into one buffer and there is no data chaining. ENP is set by the Am79C976
controller and cleared by the host.
7-0
RBADR[23:16]
Receive Buffer Address (high order bits)
4
15-0
BCNT
Buffer Byte Count is the length of the buffer pointed to by this descriptor, expressed
as the two’s complement of the length of the buffer. This field is written by the host and
unchanged by the Am79C976 controller.
6
15-12
ZEROS
This field is reserved. Am79C976 controller will write zeros to these locations.
11-0
MCNT
Message Byte Count is the number of bytes of the received message written to the
receive buffer. This is the actual frame length (including FCS) unless stripping is
enabled and the length field is < 46 bytes. In this case, MCNT is 14 + length_field.
MCNT can take values in the range 15 to 59 and values greater than or equal to 64.
MCNT is expressed as an unsigned binary integer. MCNT is valid only when ERR is
clear and ENP is set. MCNT is written by the Am79C976 controller and cleared by the
host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com