Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 231 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 231 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 227Page - Advanced Micro Devices AM79C976 Datasheet HTML 228Page - Advanced Micro Devices AM79C976 Datasheet HTML 229Page - Advanced Micro Devices AM79C976 Datasheet HTML 230Page - Advanced Micro Devices AM79C976 Datasheet HTML 231Page - Advanced Micro Devices AM79C976 Datasheet HTML 232Page - Advanced Micro Devices AM79C976 Datasheet HTML 233Page - Advanced Micro Devices AM79C976 Datasheet HTML 234Page - Advanced Micro Devices AM79C976 Datasheet HTML 235Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 309 page
background image
8/01/00
Am79C976
231
P R E L I M INARY
421
LAFM
Logical Address Filter Match is set by the Am79C976 controller when it accepts the
received frame based on the value in the logical address filter register. LAFM is valid
only when ENP is set. LAFM is set by the Am79C976 controller and cleared by the
host.
Note that if DRCVBC (CSR15, bit 14) is cleared to 0, only BAM, but not LAFM will be
set when a Broadcast frame is received, even if the Logical Address Filter is
programmed in such a way that a Broadcast frame would pass the hash filter. If
DRCVBC is set to 1 and the Logical Address Filter is programmed in such a way that
a Broadcast frame would pass the hash filter, LAFM will be set on the reception of a
Broadcast frame.
This bit does not exist when the Am79C976 controller is programmed to use 16-bit
software structures for the descriptor ring entries (BCR20, bits 7-0, SWSTYLE is
cleared to 0).
4
20
BAM
Broadcast Address Match is set by the Am79C976 controller when it accepts the
received frame, because the frame’s destination address is of the type ’Broadcast.’
BAM is valid only when ENP is set. BAM is set by the Am79C976 controller and
cleared by the host.
This bit does not exist when the Am79C976 controller is programmed to use 16-bit
software structures for the descriptor ring entries (BCR20, bits 7-0, SWSTYLE is
cleared to 0).
4
19-16
Reserved.
415-0
BCNT
Buffer Byte Count is the length of the buffer pointed to by this descriptor, expressed
as the two’s complement of the length of the buffer. This field is written by the host
and unchanged by the Am79C976 controller.
8
31
Reserved.
30-16
RFRTAG[14:0]
Receive Frame Tag. Indicates the Receive Frame Tag applied from the EADI
interface. This field is user defined and has a default value of all zeros. When
RXFRTG (CSR7, bit 14) is set to 0, RFRTAG will be read as all zeros. See the section
on Receive Frame Tagging for details.
15-0
MCNT
Message Byte Count is the number of bytes of the received message written to the
receive buffer. This is the actual frame length (including FCS) unless stripping is
enabled and the length field is < 46 bytes. In this case, MCNT is 14 + length_field.
MCNT can take values in the range 15 to 59 and values greater than or equal to 64.
MCNT is expressed as an unsigned binary integer. MCNT is valid only when ERR is
clear and ENP is set. MCNT is written by the Am79C976 controller and cleared by
the host.
0Ch
31:0
USER SPACE
User Space. Reserved for user defined data.
Offset
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com