Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 235 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 235 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 231Page - Advanced Micro Devices AM79C976 Datasheet HTML 232Page - Advanced Micro Devices AM79C976 Datasheet HTML 233Page - Advanced Micro Devices AM79C976 Datasheet HTML 234Page - Advanced Micro Devices AM79C976 Datasheet HTML 235Page - Advanced Micro Devices AM79C976 Datasheet HTML 236Page - Advanced Micro Devices AM79C976 Datasheet HTML 237Page - Advanced Micro Devices AM79C976 Datasheet HTML 238Page - Advanced Micro Devices AM79C976 Datasheet HTML 239Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 309 page
background image
8/01/00
Am79C976
235
P R E L I M INARY
7DEOH 5HFHLYH'HVFULSWRU 6:67</( 
4
20
BAM
Broadcast Address Match is set by the Am79C976 controller when it accepts the
received frame, because the frame’s destination address is of the type ’Broadcast.’
BAM is valid only when ENP is set. BAM is set by the Am79C976 controller and
cleared by the host.
This bit does not exist when the Am79C976 controller is programmed to use 16-bit
software structures for the descriptor ring entries (BCR20, bits 7-0, SWSTYLE is
cleared to 0).
4
19-18
TT[1:0]
VLAN Tag Type. Indicates what type of VLAN tag, if any, is included in the received
frame.
00 = Reserved
01 = Frame is Untagged
10 = Frame is Priority-tagged
11 = Frame is VLAN-tagged
4
17-16
Reserved.
4
15-0
BCNT
Buffer Byte Count is the length of the buffer pointed to by this descriptor, expressed
as the two’s complement of the length of the buffer. This field is written by the host
and unchanged by the Am79C976 controller.
8
31-0
RBADR[31:0]
Receive Buffer Address. This field contains the address of the receive buffer that is
associated with this descriptor.
0Ch
31:0
USER SPACE
User Space. Reserved for user defined data.
Offset
Bit
Name
Description
031-0
RFRTAG[31:0]
Receive Frame Tag. Indicates the Receive Frame Tag applied from the EADI
interface. This field is user defined and has a default value of all zeros. When
RXFRTG (CSR7, bit 14) is set to 0, RFRTAG will be read as all zeros. See the section
on Receive Frame Tagging for details.
4
31-16
TCI[15:0]
VLAN Tag Control Information copied from the received frame.
15-0
MCNT
Message Byte Count is the number of bytes of the received message written to the
receive buffer. This is the actual frame length (including FCS) unless stripping is
enabled and the length field is < 46 bytes. In this case, MCNT is 14 + length_field.
MCNT can take values in the range 15 to 59 and values greater than or equal to 64.
MCNT is expressed as an unsigned binary integer. MCNT is valid only when ERR is
clear and ENP is set. MCNT is written by the Am79C976 controller and cleared by
the host.
831
OWN
This bit indicates whether the descriptor entry is owned by the host (OWN = 0) or by
the Am79C976 controller (OWN = 1). The host sets the OWN bit after it has emptied
the buffer pointed to by the descriptor entry. The Am79C976 controller clears the
OWN bit after filling the buffer that the descriptor points to. Both the Am79C976
controller and the host must not alter a descriptor entry after it has relinquished
ownership.
830
ERR
Error Summary. ERR is the OR of FRAM, OFLO, and CRC. ERR is set by the
Am79C976 controller and cleared by the host.
829
FRAM
Framing error indicates that the incoming frame contains a non-integer multiple of
eight bits and there was an FCS error. If there was no FCS error on the incoming
frame, then FRAM will not be set even if there was a non-integer multiple of eight bits
in the frame. FRAM is not valid in internal loopback mode. FRAM is valid only when
ENP is set and OFLO is not. FRAM is set by the Am79C976 controller and cleared
by the host.
Offset
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com