Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 238 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 238 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 234Page - Advanced Micro Devices AM79C976 Datasheet HTML 235Page - Advanced Micro Devices AM79C976 Datasheet HTML 236Page - Advanced Micro Devices AM79C976 Datasheet HTML 237Page - Advanced Micro Devices AM79C976 Datasheet HTML 238Page - Advanced Micro Devices AM79C976 Datasheet HTML 239Page - Advanced Micro Devices AM79C976 Datasheet HTML 240Page - Advanced Micro Devices AM79C976 Datasheet HTML 241Page - Advanced Micro Devices AM79C976 Datasheet HTML 242Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 309 page
background image
238
Am79C976
8/01/00
P R E L I M INARY
Transmit Descriptors
When SWSTYLE (BCR20, bits 7-0) is set to 0, the soft-
ware structures are defined to be 16 bits wide, and
transmit descriptors look like Table 110.
When SWSTYLE is set to 2, the software structures
are defined to be 32 bits wide, and transmit descriptors
look like Table 111.
When SWSTYLE is set to 3, then the software struc-
tures are defined to be 32 bits wide, and transmit de-
scriptors look like Table 112.
When SWSTYLE is set to 4, then the software struc-
tures are defined to be 32 bits wide, and transmit de-
scriptors look like Table 113.
When SWSTYLE is set to 5, then the software struc-
tures are defined to be 32 bits wide, and transmit de-
scriptors look like Table 114. Also when SWSTYLE is
5, the Am79C976 controller uses 64-bit addressing for
software structures that are located above the 32-bit
address boundary.
7DEOH  7UDQVPLW 'HVFULSWRU 6:67</( 
Offset
15
14
13
12
11
10
9
8
7-0
00h
TBADR[15:0]
02h
OWN
ADD_
FCS
LTINT
STP
ENP
TBADR[23:16]
04h
BCNT
06h
Reserved
7DEOH 7UDQVPLW'HVFULSWRU 6:67</( 
Offset
31
30
29
28
27
26
25
24
23
22-16
15-12
11-4
3-0
00h
TBADR[31:0]
04h
OWN
ADD_
FCS
LTINT
STP
ENP
BCNT
08h
Reserved
0Ch
USER SPACE
7DEOH  7UDQVPLW'HVFULSWRU 6:67</( 
Offset
31
30
29
28
27
26
25
24
23
22-16
15-0
00h
Reserved
04h
OWN
ADD_
FCS
LTINT
STP
ENP
BCNT
08h
TBADR[31:0]
0Ch
USER SPACE
7DEOH7UDQVPLW'HVFULSWRU 6:67</( 
Offset
31
30
29
28
27-26
25
24
23
22
21-18
17-16
15-0
00h
OWN
ADD_
FCS
LTINT
STP
ENP
KILL
BCNT
04h
TCC[1:0]
TCI[15:0]
08h
TBADR[31:0]
0Ch
USER SPACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com