Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 240 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 240 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 236Page - Advanced Micro Devices AM79C976 Datasheet HTML 237Page - Advanced Micro Devices AM79C976 Datasheet HTML 238Page - Advanced Micro Devices AM79C976 Datasheet HTML 239Page - Advanced Micro Devices AM79C976 Datasheet HTML 240Page - Advanced Micro Devices AM79C976 Datasheet HTML 241Page - Advanced Micro Devices AM79C976 Datasheet HTML 242Page - Advanced Micro Devices AM79C976 Datasheet HTML 243Page - Advanced Micro Devices AM79C976 Datasheet HTML 244Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 309 page
background image
240
Am79C976
8/01/00
P R E L I M INARY
2
7-0
TBADR[23:16]
Transmit Buffer Address (high order bits)
4
15-0
BCNT
Buffer Byte Count is the usable length of the buffer pointed to by this descriptor,
expressed as the two’s complement of the length of the buffer. This is the number of
bytes from this buffer that will be transmitted by the Am79C976 controller. This field is
written by the host and is not changed by the Am79C976 controller. There are no
minimum buffer size restrictions.
6
15-0
Reserved.
Offset
Bit
Name
Description
7DEOH 7UDQVPLW'HVFULSWRU 6:67</( 
Offset
Bit
Name
Description
0
31-0
TBADR[31:0]
Transmit Buffer Address. This field contains the address of the Transmit buffer that is
associated with this descriptor.
431
OWN
This bit indicates whether the descriptor entry is owned by the host (OWN = 0) or by
the Am79C976 controller (OWN = 1). The host sets the OWN bit after filling the buffer
pointed to by the descriptor entry. The Am79C976 controller clears the OWN bit after
transmitting the contents of the buffer. Both the Am79C976 controller and the host
must not alter a descriptor entry after it has relinquished ownership.
4
30
Reserved location
.
4
29
ADD_FCS
ADD_FCS dynamically controls the generation of FCS on a frame by frame basis.
This bit should be set with the ENP bit. However, for backward compatibility, it is
recommended that this bit be set for every descriptor of the intended frame. When
ADD_FCS is set, the state of DXMTFCS is ignored and transmitter FCS generation is
activated. When ADD_FCS is cleared to 0, FCS generation is controlled by
DXMTFCS. When APAD_XMT (CSR4, bit 11) is set to 1, the setting of ADD_FCS has
no effect. ADD_FCS is set by the host, and is not changed by the Am79C976
controller. This is a reserved bit in the C-LANCE (Am79C90) controller.
428
LTINT
Last Transmit Interrupt. When enabled by the LTINTEN bit (CSR5, bit 14), LTINT is
used to suppress interrupts after selected frames have been copied to the transmit
FIFO. When LTINT is cleared to 0 and ENP is set to 1, the Am79C976 controller will
not set TINT (CSR0, bit 9) after the corresponding frame has been copied to the
transmit FIFO. TINT will only be set when the last descriptor of a frame has both LTINT
and ENP set to 1. When LTINTEN is cleared to 0, the LTINT bit is ignored.
4
27-26
Reserved.
425
STP
Start of Packet indicates that this is the first buffer to be used by the Am79C976
controller for this frame. It is used for data chaining buffers. The STP bit must be set
in the first buffer of the frame, or the Am79C976 controller will skip over the descriptor
and poll the next descriptor(s) until the OWN and STP bits are set. STP is set by the
host and is not changed by the Am79C976 controller.
424
ENP
End of Packet indicates that this is the last buffer to be used by the Am79C976
controller for this frame. It is used for data chaining buffers. If both STP and ENP are
set, the frame fits into one buffer and there is no data chaining. ENP is set by the host
and is not changed by the Am79C976 controller.
4
23-16
Reserved.
4
15-0
BCNT
Buffer Byte Count is the usable length of the buffer pointed to by this descriptor,
expressed as the two’s complement of the length of the buffer. This is the number of
bytes from this buffer that will be transmitted by the Am79C976 controller. This field is
written by the host and is not changed by the Am79C976 controller. There are no
minimum buffer size restrictions.
8
31-0
Reserved
0Ch
31-0
USER SPACE
User Space. Reserved for user defined data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com