Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 246 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 246 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 242Page - Advanced Micro Devices AM79C976 Datasheet HTML 243Page - Advanced Micro Devices AM79C976 Datasheet HTML 244Page - Advanced Micro Devices AM79C976 Datasheet HTML 245Page - Advanced Micro Devices AM79C976 Datasheet HTML 246Page - Advanced Micro Devices AM79C976 Datasheet HTML 247Page - Advanced Micro Devices AM79C976 Datasheet HTML 248Page - Advanced Micro Devices AM79C976 Datasheet HTML 249Page - Advanced Micro Devices AM79C976 Datasheet HTML 250Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 309 page
background image
246
Am79C976
8/01/00
P R E L I M INARY
Memory-Mapped Registers
Register
Offset, hex
Width, bits
Reset Value
Reset Type
Notes
AP_VALUE0
0A8
16
0
H
Auto-poll register 0 value
AP_VALUE1
0AA
16
0
H
Auto-poll register 1 value
AP_VALUE2
0AC
16
0
H
Auto-poll register 2 value
AP_VALUE3
0AE
16
0
H
Auto-poll register 3 value
AP_VALUE4
0B0
16
0
H
Auto-poll register 4 value
AP_VALUE5
0B2
16
0
H
Auto-poll register 5 value
AUTOPOLL0
88
16
8100
E,H
Auto-poll Register 1
AUTOPOLL1
8A
16
0
E,H
Auto-poll Register 2
AUTOPOLL2
8C
16
0
E,H
Auto-poll Register 3
AUTOPOLL3
8E
16
0
E,H
Auto-poll Register 4
AUTOPOLL4
90
16
0
E,H
Auto-poll Register 5
AUTOPOLL5
92
16
0
E,H
Auto-poll Register 6
BADR
120
64
0
H
Base Address of Receive Descriptor Ring
BADX
100
64
0
H
Base Address of Transmit Descriptor Ring
CHIPID
0F0
32
X262 8003
H
Chip ID. Read only
CHPOLLTIME
18A
16
0
E,H
Chain Poll Timer Register
CMD0
48
32
0
E,H
Command 0
CMD2
50
32
0
E,H
Command 2
CMD3
54
32
0
E,H
Command 3
CMD7
64
32
0
P
Command 7
CTRL0
68
32
0000 0900
E,H
Control 0
CTRL1
6C
32
0001 0001
E,H
Control 1
CTRL2
70
32
0000 0004
E,H
Control 2
CTRL3
74
32
0
H
Control 3
DATAMBIST
1A0
64
0
H
MBIST Access Register
DELAYED_INT
0C0
32
0
E,H
Delayed Interrupts Register
EEPROM_ACC
17C
16
0
H
EEPROM Access Register
FLASH_ADDR
198
32
0
H
Flash Address Register
FLASH_DATA
19C
16
0
H
Flash Data Register
FLOW
0C8
32
0
E,H
Flow Control Register
IFS1
18C
8
3C
E,H
Inter-Frame Spacing, Part 1 Register
INT0
38
32
0
Interrupt 0. Read only or write 1 to clear. All
bits cleared by H_RESET. Bits 0, 5, 6, & 8
also cleared when RUN is cleared.
INTEN0
40
32
0
E,H
Interrupt Enable 0.
IPG
18D
8
60
E,H
Inter-Packet Gap Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com