Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 247 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 247 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 243Page - Advanced Micro Devices AM79C976 Datasheet HTML 244Page - Advanced Micro Devices AM79C976 Datasheet HTML 245Page - Advanced Micro Devices AM79C976 Datasheet HTML 246Page - Advanced Micro Devices AM79C976 Datasheet HTML 247Page - Advanced Micro Devices AM79C976 Datasheet HTML 248Page - Advanced Micro Devices AM79C976 Datasheet HTML 249Page - Advanced Micro Devices AM79C976 Datasheet HTML 250Page - Advanced Micro Devices AM79C976 Datasheet HTML 251Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 309 page
background image
8/01/00
Am79C976
247
P R E L I M INARY
Note: H = H_RESET, E = EE_RESET, P = Power on Reset
LADRF
168
64
0
H
Logical Address Filter Register
LED0
0E0
16
00C0
E,H
LED 0 Control
LED1
0E2
16
0094
E,H
LED 1 Control
LED2
0E4
16
1080
E,H
LED 2 Control
LED3
0E6
16
0081
E,H
LED 3 Control
MAX_LAT_A
1B1
8
18h
E,H
PCI Maximum Latency Shadow Register
MIN_GNT_A
1B0
8
18h
E,H
PCI Minimum Grant Shadow Register
PADR
160
48
0
H
Physical Address Register
PAUSE_CNT
0DE
32
0
H
Pause count. Read only.
PCIDATA0
1BC
16
0
E,H
PCI Data Register 0 Alias Register
PCIDATA1
1BE
16
0
E,H
PCI Data Register 1 Alias Register
PCIDATA2
1C0
16
0
E,H
PCI Data Register 2 Alias Register
PCIDATA3
1C2
16
0
E,H
PCI Data Register 3 Alias Register
PCIDATA4
1C4
16
0
E,H
PCI Data Register 4 Alias Register
PCIDATA5
1C6
16
0
E,H
PCI Data Register 5 Alias Register
PCIDATA6
1C8
16
0
E,H
PCI Data Register 6 Alias Register
PCIDATA7
1CA
16
0
E,H
PCI Data Register 7 Alias Register
PHY_ACCESS
0D0
32
0
H
PHY Access
PMAT0
190
32
0
H
OnNow Pattern Register 0
PMAT1
194
16
0
H
OnNow Pattern Register 1
PMC_A
1B8
16
c802h
E,H
PCI Power Management Capabilities
Shadow Register
RCV_PROTECT
0DC
16
40
H
Receive Protect Register.
RCV_RING_LEN
150
16
0
H
Receive Descriptor Ring Length. Two’s-
complement.
ROM_CFG
18E
16
0
H
ROMBASE Configuration Register
SID_A
1B4
16
0
E,H
PCI Subsystem ID Shadow Register
SRAM_BND
17A
16
0
E,H
SSRAM Boundary
SRAM_SIZE
178
16
0
E,H
SSRAM Size
STAT0
30
32
0
Status 0. Read only or write 1 to clear. Bits
12-10 are reset by POR. All others are reset
by H_RESET.
STVAL
0D8
16
FFFF
H
Software Timer Value
SVID_A
1B6
16
0
E,H
Subsystem Vendor ID Shadow Register
VID_A
1B2
16
1022
E,H
PCI Vendor ID Shadow Register
XMT_RING_LEN
140
16
0
H
Transmit Descriptor Ring Length. Two’s-
complement.
XMTPOLLTIME
188
16
0
E,H
Transmit Polling Interval Register
Register
Offset, hex
Width, bits
Reset Value
Reset Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com