Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 255 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 255 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 251Page - Advanced Micro Devices AM79C976 Datasheet HTML 252Page - Advanced Micro Devices AM79C976 Datasheet HTML 253Page - Advanced Micro Devices AM79C976 Datasheet HTML 254Page - Advanced Micro Devices AM79C976 Datasheet HTML 255Page - Advanced Micro Devices AM79C976 Datasheet HTML 256Page - Advanced Micro Devices AM79C976 Datasheet HTML 257Page - Advanced Micro Devices AM79C976 Datasheet HTML 258Page - Advanced Micro Devices AM79C976 Datasheet HTML 259Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 309 page
background image
8/01/00
Am79C976
255
P R E L I M INARY
APINT3
INT0
24
38
0
H
APINT3EN
INTEN0
24
40
0
E,H
APINT4
INT0
25
38
0
H
APINT4EN
INTEN0
25
40
0
E,H
APINT5
INT0
26
38
0
H
APINT5EN
INTEN0
26
40
0
E,H
APROMWE
CMD2
27
50
0
E,H
BCR2
8
APROMWE
ASTRP_RCV
CMD2
13
50
0
E,H
CSR4
10
ASTRP_RCV
AUTONEG_
COMPLETE
STAT0
4
30
0
H
BADR
BADR
63:32
104
0
H
BADR
BADR
31:16
104
0
H
CSR25
15:0
BADRU
BADR
BADR
15:0
104
0
H
CSR24
15:0
BADRL
BADX
BADX
63:32
100
0
H
BADX
BADX
31:16
100
0
H
CSR31
15:0
BADXU
BADX
BADX
15:0
100
0
H
CSR30
15:0
BADXL
BFD_SCALE_
DOWN
TEST0
9
1A8
0
E,H
BCR33
15
BFD_SCALE_
DOWN
BSWP
CTRL0
24
68
0
E,H
CSR3
2
BSWP
BURST_ALIGN
CTRL0
4
68
0
E,H
BURST_LIMIT
CTRL0
3:0
68
0
E,H
CBIO_EN
TEST0
17
1A8
0
E,H
CHDPOLL
CMD2
1
50
0
E,H
CSR7
12
CHDPOLL
CHIPID
CHIPID
31:0
0F0
X262
8003h
H
CHPOLLTIME
CHPOLLTIME
15:0
18A
0
E,H
CSR49
15:0
RXPOLLINT
DISABLE_MWI
CMD3
27
54
0
E,H
DIS_
READ_WAIT
CMD3
29
54
0
E,H
DIS_
WRITE_WAIT
CMD3
28
54
0
E,H
DISPM
CMD3
14
54
0
E,H
BCR32
7
DISPM
DM_DIR
DATAMBIST
56
1A0
0
H
DM_DATA
DATAMBIST
31:0
1A0
0
H
DM_BACKG
DATAMBIST
53:52
1A0
0
H
DM_ADDR
DATAMBIST
51:32
1A0
0
H
DM_DONE
DATAMBIST
63
1A0
0
H
DM_ERROR
DATAMBIST
62
1A0
0
H
Bit Name
Register
Bit
Num
Offset
(hex)
Default
Value
Reset
Type
Alternate
Register
Bit
Num
Bit Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com