Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 257 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 257 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 253Page - Advanced Micro Devices AM79C976 Datasheet HTML 254Page - Advanced Micro Devices AM79C976 Datasheet HTML 255Page - Advanced Micro Devices AM79C976 Datasheet HTML 256Page - Advanced Micro Devices AM79C976 Datasheet HTML 257Page - Advanced Micro Devices AM79C976 Datasheet HTML 258Page - Advanced Micro Devices AM79C976 Datasheet HTML 259Page - Advanced Micro Devices AM79C976 Datasheet HTML 260Page - Advanced Micro Devices AM79C976 Datasheet HTML 261Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 309 page
background image
8/01/00
Am79C976
257
P R E L I M INARY
FORCE_FD
CMD3
12
54
0
E,H
BCR9
0
FDEN
FORCE_LS
CMD3
11
54
0
E,H
FORCE_FS
CTRL2
18:16
70
0
E,H
FPA
FLOW_
CONTROL
20
0C8
0
E,H
FULL_DUPLEX
STAT0
6
30
0
H
IFS1
IFS1
7:0
18C
3CH
E,H
CSR125
7:0
IFS1
INIT_MIB
CMD3
25
54
0
E,H
INLOOP
CMD2
4
50
0
E,H
INTLEVEL
CMD3
13
54
0
E,H
BCR2
7
INTLEVEL
INTR
INT0
31
38
0
H
CSR0
7
INTR
INTREN
CMD0
1
48
0
E,H
IPG
IPG
7:0
18D
60H
E,H
CSR125
15:8
IPG
JUMBO
CMD3
21
54
0
E,H
LAAINC
FLASH_
ADDR
31
198
0
H
BCR29
14
LAAINC
LADRF
LADRF
63:48
168
0
H
CSR11
15:0
LADRF3
LADRF
LADRF
47:32
168
0
H
CSR10
15:0
LADRF2
LADRF
LADRF
31:16
168
0
H
CSR9
15:0
LADRF1
LADRF
LADRF
15:0
168
0
H
CSR8
15:0
LADRF0
LAPPEN
CMD2
2
50
0
E,H
CSR3
5
LAPPEN
LC_DET
STAT0
10
30
0
P
CSR116
9
LCDET
LCINT
INT0
27
38
0
H
LCINTEN
INTEN0
27
40
0
E,H
LCMODE_EE
CMD3
5
54
0
E,H
CSR116
8
LCMODE
LCMODE_SW
CMD7
0
64
0
P
LED0
LED0
15:0
0E0
00C0h
E,H
BCR4
15:0
LED0
LED1
LED1
15:0
0E2
0094h
E,H
BCR5
15:0
LED1
LED2
LED2
15:0
0E4
1080h
E,H
BCR6
15:0
LED2
LED3
LED3
15:0
0E6
0081h
E,H
BCR7
15:0
LED3
LEDCNTTST
TEST0
5
1A8
0
E,H
LEDPE
CMD2
29
50
0
E,H
BCR2
12
LEDPE
LINK_STAT
STAT0
5
30
0
H
LTINTEN
CMD2
9
50
0
E,H
CSR5
14
LTINTEN
MAX_DELAY
DELAYED_
INT
10:0
0C0
0
E,H
MAX_LAT_A
MAX_LAT
7:0
1B1
18H
E,H
BCR22
15:8
MAX_LAT
Bit Name
Register
Bit
Num
Offset
(hex)
Default
Value
Reset
Type
Alternate
Register
Bit
Num
Bit Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com