Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 261 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 261 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 257Page - Advanced Micro Devices AM79C976 Datasheet HTML 258Page - Advanced Micro Devices AM79C976 Datasheet HTML 259Page - Advanced Micro Devices AM79C976 Datasheet HTML 260Page - Advanced Micro Devices AM79C976 Datasheet HTML 261Page - Advanced Micro Devices AM79C976 Datasheet HTML 262Page - Advanced Micro Devices AM79C976 Datasheet HTML 263Page - Advanced Micro Devices AM79C976 Datasheet HTML 264Page - Advanced Micro Devices AM79C976 Datasheet HTML 265Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 309 page
background image
8/01/00
Am79C976
261
P R E L I M INARY
SRAM_BND
SRAM_BND
15:0
17A
0
E,H
BCR26
7:0
SRAM_BND
SRAM_SIZE
SRAM_SIZE
15:0
178
0
E,H
BCR25
7:0
SRAM_SIZE
SRAM_TYPE
CTRL0
17:16
68
?
E,H
STINT
INT0
4
38
0
H
CSR7
11
STINT
STINTEN
INTEN0
4
40
0
E,H
CSR7
10
STINTE
STVAL
STVAL
15:0
0D8
FFFFH
H
BCR31
15:0
STVAL
SVID
SVID
15:0
1B6
0
E,H
BCR23
15:0
SVID
SWSTYLE
CTRL3
7:0
74
0
H
CSR58
7:0
SWSTYLE
TDMD
CMD0
8
48
0
E,H
CSR0
3
TDMD
TINT
INT0
8
38
0
H,R
CSR0
9
TINT
TINTEN
INTEN0
8
40
0
E,H
CSR3
9
TINTM
TSEL
TEST0
11
1A8
0
E,H
BCR33
14
TSEL
TX_FAST_
SPND
CMD0
4
48
0
E,H
TX_SPND
CMD0
2
48
0
E,H
TX_
SUSPENDED
STAT0
1
30
0
H
TXDNINT
INT0
6
38
0
H,R
TXDNINTEN
INTEN0
6
40
0
E,H
TXDPOLL
CMD2
0
50
0
E,H
CSR4
12
TXDPOLL
TXSTRTINT
INT0
5
38
0
H,R
CSR4
3
TXSTRT
TXSTRTINTEN
INTEN0
5
40
0
E,H
CSR4
2
TXSTRTM
UINT
INT0
7
38
0
H
CSR4
6
UINT
UINTCMD
CMD0
6
48
0
E,H
CSR4
7
UINTCMD
VID
VID
15:0
1B2
1022H
E,H
BCR35
15:0
VID
VLONLY
CMD3
19
54
0
E,H
VSIZE
CMD3
20
54
0
E,H
XMT_RING_
LEN
XMT_RING_
LEN
15:0
140
0
H
CSR78
15:0
XMTRL
XMTFW
CTRL1
9:8
6C
0
E,H
CSR80
9:8
XMTFW[1:0]
XMTPOLLTIME
XMTPOLL
TIME
15:0
188
0
E,H
CSR47
15:0
TXPOLLINT
XMTSP
CTRL1
17:16
6C
1
E,H
CSR80
11:10 XMTSP[1:0]
XPHYANE
CTRL2
5
70
0
E,H
BCR32
5
XPHYANE
XPHYFD
CTRL2
4
70
0
E,H
BCR32
4
XPHYFD
XPHYRST
CTRL2
6
70
0
E,H
BCR32
6
XPHYRST
XPHYSP
CTRL2
3
70
0
E,H
BCR32
3
XPHYSP
Bit Name
Register
Bit
Num
Offset
(hex)
Default
Value
Reset
Type
Alternate
Register
Bit
Num
Bit Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com