Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 274 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 274 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 270Page - Advanced Micro Devices AM79C976 Datasheet HTML 271Page - Advanced Micro Devices AM79C976 Datasheet HTML 272Page - Advanced Micro Devices AM79C976 Datasheet HTML 273Page - Advanced Micro Devices AM79C976 Datasheet HTML 274Page - Advanced Micro Devices AM79C976 Datasheet HTML 275Page - Advanced Micro Devices AM79C976 Datasheet HTML 276Page - Advanced Micro Devices AM79C976 Datasheet HTML 277Page - Advanced Micro Devices AM79C976 Datasheet HTML 278Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 309 page
background image
274
Am79C976
8/01/00
P R E L I M INARY
SWITCHING CHARACTERISTICS: EEPROM INTERFACE
1RWH
1. Parameter value is given for automatic EEPROM read operation. When EEPROM port (BCR19) is used to access the
EEPROM, software is responsible for meeting EEPROM timing requirements.
)LJXUH((3520 5HDG)XQFWLRQDO 7LPLQJ
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
EEPROM Timing
fEESK
EESK Frequency
(Note 1)
650
kHz
tHIGH (EESK)
EESK High Time
780
ns
tLOW (EESK)
EESK Low Time
780
ns
tVAL (EEDI)
EEDI Valid Output Delay from EESK (Note 1)
-15
15
ns
tVAL (EECS)
EECS Valid Output Delay from EESK (Note 1)
-15
15
ns
tLOW (EECS)
EECS Low Time
1550
ns
tSU (EEDO)
EEDO Setup Time to EESK
(Note 1)
50
ns
tH (EEDO)
EEDO Hold Time from EESK
(Note 1)
0
ns
EECS
EESK
EEDI
EEDO
01
1
0
A5
A4
A3
A2
A1
A0
D15
D14 D13
D2
D1
D0
22929B56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com