Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 278 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 278 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 274Page - Advanced Micro Devices AM79C976 Datasheet HTML 275Page - Advanced Micro Devices AM79C976 Datasheet HTML 276Page - Advanced Micro Devices AM79C976 Datasheet HTML 277Page - Advanced Micro Devices AM79C976 Datasheet HTML 278Page - Advanced Micro Devices AM79C976 Datasheet HTML 279Page - Advanced Micro Devices AM79C976 Datasheet HTML 280Page - Advanced Micro Devices AM79C976 Datasheet HTML 281Page - Advanced Micro Devices AM79C976 Datasheet HTML 282Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 309 page
background image
278
Am79C976
8/01/00
P R E L I M INARY
SWITCHING CHARACTERISTICS: MEDIA INDEPENDENT INTERFACE
Notes:
1. MDIO valid measured at the exposed mechanical Media Independent Interface.
2. TXCLK and RXCLK frequency and timing parameters are defined for the external physical layer transceiver as defined in the
IEEE 802.3u standard. They are not replicated here.
3. tMSU and tMH are input requirements when MDIO is driven by an external PHY device.
4. tMVAL is the output delay when MDIO is driven by the Am79C976 device.
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
Transmit Timing
tTVAL
TX_EN, TX_ER, TXD valid from
’ TX_CLK
measured from Vilmax = 0.8 V or
measured from Vihmin = 2.0V
0
25
ns
Receive Timing
tRSU
RX_DV, RX_ER, RXD setup to
’ RX_CLK
measured from Vilmax = 0.8 V or
measured from Vihmin = 2.0V
10
ns
tRH
RX_DV, RX_ER, RXD hold from
’ RX_CLK
measured from Vilmax = 0.8 V or
measured from Vihmin = 2.0V
10
ns
Management Cycle Timing
tMHIGH
MDC Pulse Width HIGH Time
CLOAD = 390 pf
160
ns
tMLOW
MDC Pulse Width LOW Time
CLOAD = 390 pf
160
ns
tMCYC
MDC Cycle Period
CLOAD = 390 pf
400
ns
tMSU
MDIO setup to
’ MDC
CLOAD = 470 pf,
measured from Vilmax = 0.8 V or
measured from Vihmin = 2.0V
(Note 1, 3)
25
ns
tMH
MDIO hold from
’ MDC
CLOAD = 470 pf,
measured from Vilmax = 0.8 V or
measured from Vihmin = 2.0V
(Note 1, 3)
10
ns
tMVAL
MDIO valid from
’ MDC
CLOAD = 470 pf,
measured from Vilmax = 0.8 V or
measured from Vihmin = 2.0V,
(Note 1, 4)
tMCYC -
tMSU
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com