Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 279 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 279 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 275Page - Advanced Micro Devices AM79C976 Datasheet HTML 276Page - Advanced Micro Devices AM79C976 Datasheet HTML 277Page - Advanced Micro Devices AM79C976 Datasheet HTML 278Page - Advanced Micro Devices AM79C976 Datasheet HTML 279Page - Advanced Micro Devices AM79C976 Datasheet HTML 280Page - Advanced Micro Devices AM79C976 Datasheet HTML 281Page - Advanced Micro Devices AM79C976 Datasheet HTML 282Page - Advanced Micro Devices AM79C976 Datasheet HTML 283Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 309 page
background image
8/01/00
Am79C976
279
P R E L I M INARY
SWITCHING CHARACTERISTICS: MEDIA INDEPENDENT INTERFACE
(Continued)
)LJXUH  7UDQVPLW7LPLQJ
)LJXUH 5HFHLYH7LPLQJ
)LJXUH 0'& :DYHIRUP
TX_CLK
tTVAL
TXD[3:0],
TX_EN,
TX_ER
Vihmin
Vilmax
Vihmin
Vilmax
22929B60
RX_CLK
tRH
RXD[3:0],
RX_ER,
RX_DV
tRSU
Vihmin
Vilmax
Vihmin
Vilmax
22929B61
MDC
0.8 V
1.5 V
2.0 V
tMHIGH
tMCYC
tMLOW
0.8 V
2.4
1.5 V
2.0 V
0.4
22929B62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com