Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 281 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 281 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 277Page - Advanced Micro Devices AM79C976 Datasheet HTML 278Page - Advanced Micro Devices AM79C976 Datasheet HTML 279Page - Advanced Micro Devices AM79C976 Datasheet HTML 280Page - Advanced Micro Devices AM79C976 Datasheet HTML 281Page - Advanced Micro Devices AM79C976 Datasheet HTML 282Page - Advanced Micro Devices AM79C976 Datasheet HTML 283Page - Advanced Micro Devices AM79C976 Datasheet HTML 284Page - Advanced Micro Devices AM79C976 Datasheet HTML 285Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 309 page
background image
8/01/00
Am79C976
281
P R E L I M INARY
SWITCHING CHARACTERISTICS: EXTERNAL ADDRESS DETECTION
INTERFACE
Note:
1. May need to delay RX_CLK to capture Start Frame Byte Delimiter (SFBD) at 100 Mbps operation.
)LJXUH 5HMHFW 7LPLQJ([WHUQDO 3+< 0,,#0+]
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
External Address Detection Interface: External PHY - MII @ 25 MHz
tEAD7
SFBD change from
” RX_CLK
0
20 (Note 1) ns
tEAD8
EAR deassertion to
’ RX_DV (first
rising edge)
40
ns
tEAD9
EAR assertion after SFD event
(frame rejection)
0
5,080
ns
tEAD10
EAR assertion width
50
ns
External Address Detection Interface: External PHY - MII @ 2.5 MHz
tEAD11
EAR deassertion to
’ RX_DV (first
rising edge)
400
ns
tEAD12
EAR assertion after SFD event
(frame rejection)
0
50,800
ns
tEAD13
EAR assertion width
500
ns
Receive Frame Tag Timing with Media Independent Interface
tEAD14
RXFRTGE assertion from
’SFBD
(first rising edge)
0
ns
tEAD15
RXFRTGE, RXFRTGD setup to
’
RX_CLK
10
ns
tEAD16
RXFRTGE, RXFRTGD hold from
’
RX_CLK
10
ns
tEAD17
RXFRTGE deassertion to
” RX_DV
RX_CLK @25 MHz
RX_CLK @2.5 MHz
40
400
ns
ns
RX_CLK
RXD[3:0]
RX_DV
EAR
Preamble
SF/BD
SFD
DA
DA
DA
tEAD8
tEAD7
tEAD9
tEAD10
22929B65
SFBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com