Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 285 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 285 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 281Page - Advanced Micro Devices AM79C976 Datasheet HTML 282Page - Advanced Micro Devices AM79C976 Datasheet HTML 283Page - Advanced Micro Devices AM79C976 Datasheet HTML 284Page - Advanced Micro Devices AM79C976 Datasheet HTML 285Page - Advanced Micro Devices AM79C976 Datasheet HTML 286Page - Advanced Micro Devices AM79C976 Datasheet HTML 287Page - Advanced Micro Devices AM79C976 Datasheet HTML 288Page - Advanced Micro Devices AM79C976 Datasheet HTML 289Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 309 page
background image
8/01/00
Am79C976
285
P R E L I M INARY
PHYSICAL DIMENSIONS*
PQFP208
3ODVWLF4XDG)ODW3DFN7ULPPHGDQG)RUPHG
)RUUHIHUHQFHRQO\%6& LVDQ $16, VWDQGDUGIRU %DVLF 6SDFH &HQWHULQJ
Notes:
1. All dimensions and tolerances conform to ASME Y14.5M-1992
2. Controlling dimensions: Millimeters
3. These dimensions do not include mold protrusion. Allowable protrusion is 0.25 mm per side. These dimensions include mold
mismatch and are determined at datum plane -A-.
4. This dimension does not include dambar protrusion.
5. Datum plane -A- is located at the mold parting line and is coincident with the bottom of the lead where the lead exits the plastic
body.
6. These dimensions are measured from both innermost and outermost points.
7. Deviation from lead-tip true position shall be within ±0.04 mm.
8. Lead co-planarity shall be within 0.076 mm. Co-planarity is measured per specification 06.500.
9. Half span (center of package to lead tip) shall be within ±0.0085 inches.
3.95
MAX
3.95
MAX
0.25
MIN
3.20
3.60
30.40
30.80
27.90
28.10
3
25.50 REF
0.50 BSC
25.50
REF
27.90
28.10
30.40
30.80
3
0.17
0.27
0.13
0.20
0.17
0.27
0.08
0.08
0.50
0.75
PQR 208
2
208
52
156
104
PIN
PIN
PIN
PIN
K.Koller
Rev. AI; 5/18/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com