Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 305 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 305 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 301Page - Advanced Micro Devices AM79C976 Datasheet HTML 302Page - Advanced Micro Devices AM79C976 Datasheet HTML 303Page - Advanced Micro Devices AM79C976 Datasheet HTML 304Page - Advanced Micro Devices AM79C976 Datasheet HTML 305Page - Advanced Micro Devices AM79C976 Datasheet HTML 306Page - Advanced Micro Devices AM79C976 Datasheet HTML 307Page - Advanced Micro Devices AM79C976 Datasheet HTML 308Page - Advanced Micro Devices AM79C976 Datasheet HTML 309Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 305 / 309 page
background image
8/01/00
Am79C976
INDEX-6
P R E L I M INARY
Look-Ahead Packet Processing
(LAPP) Concept . . . . . . . . . . . . . . . . . . . . .A-1
Loopback Operation . . . . . . . . . . . . . . . . . . .80
Loss of Carrier . . . . . . . . . . . . . . . . . . . . . . . .71
M
MAC Control Pause Frames . . . . . . . . . . . . .87
Magic Packet application . . . . . . . . . . . . . . . .3
Management Cycle Timing . . . . . . . . . . . . .278
Management Data Clock . . . . . . . . . . . . . . . .30
Management Data I/O . . . . . . . . . . . . . . . . . .30
Management Data Output Valid Delay
Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .280
Management Data Setup and Hold
Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .280
Master Abort . . . . . . . . . . . . . . . . . . . . . .49, 51
Master Bus Interface Unit . . . . . . . . . . . . . . .40
Master Cycle Data Parity Error Response . . 52
Master Initiated Termination . . . . . . . . . . . . .48
MAX_LAT_A
PCI Maximum Latency Alias Register . .160
MDC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
MDC Waveform . . . . . . . . . . . . . . . . . . . . .279
MDIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Media Access Control . . . . . . . . . . . . . . . . . .66
Media Access Management . . . . . . . . . . . . . .67
Media Independent Interface . . . . . . . . . .29, 81
Media Independent Interface (MII) . . . . . .1, 22
Medium Allocation . . . . . . . . . . . . . . . . . . . .67
Memory-Mapped Registers . . . . . . . . . . . . .122
MIB Offset . . . . . . . . . . . . . . . . . . . . . . . . . .122
MII Management Control Register
(Register 0) . . . . . . . . . . . . . . . . . . . . . . . . .B-1
MII Management Frames . . . . . . . . . . . . . . .82
MII Management Interface . . . . . . . . . . . . . .82
MII Management Registers . . . . . . . . . . . . .B-1
MII Network Status Interface . . . . . . . . . . . .82
MII Receive Frame Tagging . . . . . . . . . . . . .91
MII Receive Interface . . . . . . . . . . . . . . . . . .81
MII Transmit Interface . . . . . . . . . . . . . . . . .81
MIN_GNT_A
PCI Minimum Grant Alias Register . . . .160
Miscellaneous Loopback Features . . . . . . . .80
Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .226
N
Network Interface . . . . . . . . . . . . . . . . . . . . .32
Network Port Manager . . . . . . . . . . . . . . . . .85
Non-Burst Read Transfer . . . . . . . . . . . . . . .42
Non-Burst Write Transfer . . . . . . . . . . . . . . .44
Normal and Tri-State Outputs . . . . . . . . . . . 271
O
OnNow Functional Diagram . . . . . . . . . . . . 100
OnNow Wake-Up Sequence . . . . . . . . . . . . 100
Operating Ranges . . . . . . . . . . . . . . . . . . . . 266
Operation Without MMI Management
Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
Other Data Registers . . . . . . . . . . . . . . . . . . 104
Outline of LAPP Flow . . . . . . . . . . . . . . . . .A-2
Output and Float Delay Timing . . . . . . . . . . 269
Output Tri-state Delay Timing . . . . . . . . . . 273
Output Valid Delay Timing . . . . . . . . . . . . . 273
P
PADR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226
Physical Address Register . . . . . . . . . . . . 160
PAL function . . . . . . . . . . . . . . . . . . . . . . . . . . 3
PAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Parity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Parity Error . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Parity Error Response . . . . . . . . . . . . . . .39, 51
Pattern Match RAM . . . . . . . . . . . . . . . . . . 103
Pause Count Register . . . . . . . . . . . . . . . . . . 161
PCI Base-Class Register Offset 0Bh . . . . . . 114
PCI Bus Interface Pins -
3.3 V Signaling . . . . . . . . . . . . . . . . . . . . . . 267
PCI Bus Interface Pins -
5 V Signaling . . . . . . . . . . . . . . . . . . . . . . . . 267
PCI Cache Line Size Register
Offset 0Ch . . . . . . . . . . . . . . . . . . . . . . . . . . 115
PCI Capabilities Pointer Register
Offset 34h . . . . . . . . . . . . . . . . . . . . . . . . . . 118
PCI Capability Identifier Register
Offset 44h . . . . . . . . . . . . . . . . . . . . . . . . . . 119
PCI Command Register . . . . . . . . . . . . . . . . 111
PCI Command Register Offset 04h . . . . . . 111
PCI Configuration Alias registers . . . . . . . 111
PCI Configuration Registers 106, . . . .111, 245
PCI Configuration Space Layout . . . . . . . . 106
PCI Data Register Offset 4Bh . . . . . . . . . . . 121
PCI Device ID Register Offset 02h . . . . . . . 111
PCI Expansion ROM Base
Address Register Offset 30h . . . . . . . . . . . . 117
PCI Header Type Register Offset 0Eh . . . . 115
PCI Interface . . . . . . . . . . . . . . . . . . . . . . . . . 24
PCI Interrupt Line Register
Offset 3Ch . . . . . . . . . . . . . . . . . . . . . . . . . . 118
PCI Interrupt Pin Register
Offset 3Dh . . . . . . . . . . . . . . . . . . . . . . . . . . 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com