Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 303 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 303 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 299Page - Advanced Micro Devices AM79C976 Datasheet HTML 300Page - Advanced Micro Devices AM79C976 Datasheet HTML 301Page - Advanced Micro Devices AM79C976 Datasheet HTML 302Page - Advanced Micro Devices AM79C976 Datasheet HTML 303Page - Advanced Micro Devices AM79C976 Datasheet HTML 304Page - Advanced Micro Devices AM79C976 Datasheet HTML 305Page - Advanced Micro Devices AM79C976 Datasheet HTML 306Page - Advanced Micro Devices AM79C976 Datasheet HTML 307Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 309 page
background image
8/01/00
Am79C976
INDEX-4
P R E L I M INARY
D
DATAMBIST
Memory Built-in Self-Test Access
Register . . . . . . . . . . . . . . . . . . . . . . . . . .145
DC Characteristics . . . . . . . . . . . . . . . . . . . .267
DELAYED_INT
Delayed Interrupts Register . . . . . . . . . . .147
Descriptor DMA Transfers . . . . . . . . . . . . . .52
Descriptor Management . . . . . . . . . . . . . . . .61
Descriptor Management Unit . . . . . . . . . . . .59
Descriptor Ring Read In Burst Mode . . . . . .54
Descriptor Ring Read In
Non-Burst Mode . . . . . . . . . . . . . . . . . . . . . .53
Descriptor Ring Write In
Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . .57
Descriptor Ring Write In
Non-Burst Mode . . . . . . . . . . . . . . . . . . . . . .56
Descriptor Rings . . . . . . . . . . . . . . . . . . . . . .61
Destination Address Handling . . . . . . . . . . . .67
Detailed Functions . . . . . . . . . . . . . . . . . . . . .33
Device Select . . . . . . . . . . . . . . . . . . . . . . . . .24
DEVSEL . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Digital and I/O Buffer Power (24 Pins) . . . . .31
Digital Ground (8 Pins) . . . . . . . . . . . . . . . . .31
Digital I/O (Non-PCI Pins) . . . . . . . . . . . . .267
Direct Access to the Interface . . . . . . . . . . . .98
Direct Flash Access . . . . . . . . . . . . . . . . . . . .94
Disconnect Of Burst Transfer . . . . . . . . . . . .38
Disconnect Of Slave Burst Transfer
- Host Inserts Wait States . . . . . . . . . . . . . . .39
Disconnect Of Slave Burst Transfer
- No Host Wait States . . . . . . . . . . . . . . . . . .38
Disconnect Of Slave Cycle When Busy . . . .38
Disconnect When Busy . . . . . . . . . . . . . . . . .37
Disconnect With Data Transfer . . . . . . . .45, 46
Disconnect Without Data Transfer . . . . .46, 47
DMA Burst Alignment . . . . . . . . . . . . . . . . .45
Double Word I/O Mode . . . . . . . . . . . . . . . .108
Dual-speed CSMA/CD . . . . . . . . . . . . . . . . . .2
E
EAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
EECS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
EEDET Setting . . . . . . . . . . . . . . . . . . . . . .211
EEDI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
EEDO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
EEPROM Auto-Detection . . . . . . . . . . . . . . .98
EEPROM Chip Select . . . . . . . . . . . . . . . . . .28
EEPROM CRC Calculation . . . . . . . . . . . . .98
EEPROM Data In . . . . . . . . . . . . . . . . . . . . . 28
EEPROM Data Out . . . . . . . . . . . . . . . . . . . . 28
EEPROM Interface . . . . . . . . . . . . . . . . . . . . 28
EEPROM programmable pin (PHY_RST) . . . 3
EEPROM Read Functional Timing . . . . . . . 274
EEPROM Serial Clock . . . . . . . . . . . . . . . . . 28
EEPROM Timing . . . . . . . . . . . . . . . . . . . . 274
EEPROM_ACC
EEPROM Access Register . . . . . . . . . . . 147
EESK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
ERA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
ERADSP/CEN . . . . . . . . . . . . . . . . . . . . . . . . 29
ERADV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
ERCE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
ERCLK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
ERD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
EROE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Error Detection . . . . . . . . . . . . . . . . . . . . . . . 67
ERWE/FLWE . . . . . . . . . . . . . . . . . . . . . . . . 29
Expansion Bus Interface . . . . . . . . . . . . . . . . 91
Expansion ROM - Boot Device Access . . . . 92
Expansion ROM Bus Read Sequence . . . . . . 93
Expansion ROM Output Enable . . . . . . . . . . 29
Expansion ROM Transfers . . . . . . . . . . . . . . 37
External Address Detection Interface. . . . 2, 30
External PHY - MII @ 2.5 MHz . . . . . . . 281
External PHY - MII @ 25 MHz . . . . . . . 281
Receive Frame Tagging . . . . . . . . . . . . . . 91
External Address Detection Interface
(EADI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
External Address Reject . . . . . . . . . . . . . . . . 30
External Clock Input . . . . . . . . . . . . . . . . . . . 27
External Memory Address . . . . . . . . . . . . . . . 28
External Memory Address Advance . . . . . . . 29
External Memory Address Strobe . . . . . . . . . 29
External Memory Clock . . . . . . . . . . . . . . . . 29
External Memory Data . . . . . . . . . . . . . . . . . 29
External Memory Interface . . . . . . . . . . . . . . 28
External Memory Write Enable . . . . . . . . . . 29
External SSRAM Chip Enable . . . . . . . . . . . 29
External SSRAM Output Enable . . . . . . . . . . 29
F
FIFO Burst Write At End Of Unaligned
Buffer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
FIFO Burst Write At Start Of Unaligned
Buffer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
FIFO DMA Transfers . . . . . . . . . . . . . . . . . . 57
FLA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com