Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 300 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 300 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 296Page - Advanced Micro Devices AM79C976 Datasheet HTML 297Page - Advanced Micro Devices AM79C976 Datasheet HTML 298Page - Advanced Micro Devices AM79C976 Datasheet HTML 299Page - Advanced Micro Devices AM79C976 Datasheet HTML 300Page - Advanced Micro Devices AM79C976 Datasheet HTML 301Page - Advanced Micro Devices AM79C976 Datasheet HTML 302Page - Advanced Micro Devices AM79C976 Datasheet HTML 303Page - Advanced Micro Devices AM79C976 Datasheet HTML 304Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 309 page
background image
INDEX-1
Am79C976
8/01/00
P R E L I M INARY
INDEX
Numerics
16-Bit Software Model . . . . . . . . . . . . . . . . . 62
3.3 Vaux Presence Sense . . . . . . . . . . . . . . . .27
32-bit multiplexed bus interface unit . . . . . . . .3
32-Bit Software Model . . . . . . . . . . . . . . . . .63
A
Absolute Maximum Ratings . . . . . . . . . . . .266
AD 24
Address and Data . . . . . . . . . . . . . . . . . . . . . .24
Address Match Logic . . . . . . . . . . . . . . . . .227
Address Matching. . . . . . . . . . . . . . . . . . . . . 71
Address Parity Error Response . . . . . . . . . . .39
Address PROM Space . . . . . . . . . . . . . . . . .107
Analog Power (1 Pin) . . . . . . . . . . . . . . . . . .31
AP_VALUE0
Auto-Poll Value0 Register . . . . . . . . . . . .122
AP_VALUE1
Auto-Poll Value1 Register . . . . . . . . . . . .122
AP_VALUE2
Auto-Poll Value2 Register . . . . . . . . . . . .123
AP_VALUE3
Auto-Poll Value3 Register . . . . . . . . . . . .123
AP_VALUE4
Auto-Poll Value4 Register . . . . . . . . . . . .123
AP_VALUE5
Auto-Poll Value5 Register . . . . . . . . . . . .123
APDW Values . . . . . . . . . . . . . . . . . . . . . . .218
Automatic EEPROM Read Operation . . . . . .96
Automatic Pad Generation . . . . . . . . . . . . . . 69
Automatic Pad Stripping . . . . . . . . . . . . . . . .72
Automatic PREAD EEPROM Timing . . . .275
Auto-Negotiation . . . . . . . . . . . . . . . . . . . . . .85
Auto-Negotiation Advertisement Register
(Register 4) . . . . . . . . . . . . . . . . . . . . . . . . .B-3
Auto-Negotiation With Multiple PHY
Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
Auto-Poll State Machine . . . . . . . . . . . . . . . .84
AUTOPOLL0
Auto-Poll0 Register . . . . . . . . . . . . . . . . .123
AUTOPOLL1
Auto-Poll1 Register . . . . . . . . . . . . . . . . .124
AUTOPOLL2
Auto-Poll2 Register . . . . . . . . . . . . . . . . .125
AUTOPOLL3
Auto-Poll3 Register . . . . . . . . . . . . . . . . . 126
AUTOPOLL4
Auto-Poll4 Register . . . . . . . . . . . . . . . . . 127
AUTOPOLL5
Auto-Poll5 Register . . . . . . . . . . . . . . . . . 128
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
B
Basic Burst Read Transfer . . . . . . . . . . . . . . . 41
Basic Burst Write Transfer . . . . . . . . . . . . . . 44
Basic Functions . . . . . . . . . . . . . . . . . . . . . . . 32
Basic Non-Burst Read Transfer . . . . . . . . . . 40
Basic Non-Burst Write Transfer . . . . . . . . . . 42
BCR0
Master Mode Read Active . . . . . . . . . . . . 198
BCR1
Master Mode Write Active . . . . . . . . . . . 198
BCR16
I/O Base Address Lower . . . . . . . . . . . . . 207
BCR19
EEPROM Control and Status . . . . . . . . . 209
BCR2
Miscellaneous Configuration . . . . . . . . . . 199
BCR20
Software Style . . . . . . . . . . . . . . . . . . . . . 212
BCR28
Expansion Bus Port Address Lower
(Used for Flash/EPROM and SRAM
Accesses) . . . . . . . . . . . . . . . . . . . . . . . . . 216
BCR29
Expansion Port Address Upper
(Used for Flash/EPROM Accesses) . . . . . 216
BCR30
Expansion Bus Data Port Register . . . . . . 217
BCR31
Software Timer Register . . . . . . . . . . . . . 217
BCR32
MII Control and Status Register . . . . . . . 217
BCR33
MII Address Register . . . . . . . . . . . . . . . . 219
BCR34
MII Management Data Register . . . . . . . 220
BCR35
PCI Vendor ID Register . . . . . . . . . . . . . . 220
BCR36
PCI Power Management Capabilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com