Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 296 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 296 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 292Page - Advanced Micro Devices AM79C976 Datasheet HTML 293Page - Advanced Micro Devices AM79C976 Datasheet HTML 294Page - Advanced Micro Devices AM79C976 Datasheet HTML 295Page - Advanced Micro Devices AM79C976 Datasheet HTML 296Page - Advanced Micro Devices AM79C976 Datasheet HTML 297Page - Advanced Micro Devices AM79C976 Datasheet HTML 298Page - Advanced Micro Devices AM79C976 Datasheet HTML 299Page - Advanced Micro Devices AM79C976 Datasheet HTML 300Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 309 page
background image
APPENDIX B
B
-1
0,, 0DQDJHPHQW5HJLVWHUV
APPENDIX B: MII MANAGEMENT REGISTERS
As specified in the IEEE standard, the basic register
set consists of the Control Register (Register 0) and
the Status Register (Register 1). The extended register
set consists of Registers 2 to 31 (decimal). All PHYs
that provide an MII shall incorporate the basic register
set. Both sets of registers are accessible through the
MII Management Interface.
Table 1 lists the most interesting registers.
Control Register (Register 0)
Table 2 shows the MII Management Control Register
(Register 0).
Table B-1. MII Management Register Set
Table B-2. MII Management Control Register (Register 0)
1RWH
 5: 5HDG:ULWH6& 6HOI &OHDULQJ 52 5HDG 2QO\
Register
Address
Register Name
Basic/
Extended
0MII Control
B
1
MII Status
B
2-3
PHY Identifier
E
4
Auto-Negotiation
Advertisement
E
5
Auto-Negotiation Link
Partner Ability
E
%LWV
1DPH
'HVFULSWLRQ
5HDG:ULWH
1RWH 
15
Soft Reset
When write:
1 = PHY software reset
0 = normal operation
When read:
1 = reset in process
0 = reset done
R/W, SC
14
Loopback
1 = enables Loopback mode
0 = disables Loopback mode
R/W
13
Speed Selection
1 = 100 Mbps
0 = 10 Mbps
R/W
12
Auto-Negotiation Enable
1 = enable Auto-Negotiation
0 = disable Auto-Negotiation
R/W
11
Power Down
1 = power down, 0 = normal operation
R/W
10
Isolate
1 = electrically isolate PHY from MII
0 = normal operation
R/W
9
Restart Auto-Negotiation
1 = restart Auto-Negotiation
0 = normal operation
R/W, SC
8
Duplex Mode
1 = full duplex
0 = half duplex
R/W
7
Collision Test
1 = enable COL signal test
0 = disable COL signal test
R/W
6-0
Reserved
Write as 0, ignore on read
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com