Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 297 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 297 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 293Page - Advanced Micro Devices AM79C976 Datasheet HTML 294Page - Advanced Micro Devices AM79C976 Datasheet HTML 295Page - Advanced Micro Devices AM79C976 Datasheet HTML 296Page - Advanced Micro Devices AM79C976 Datasheet HTML 297Page - Advanced Micro Devices AM79C976 Datasheet HTML 298Page - Advanced Micro Devices AM79C976 Datasheet HTML 299Page - Advanced Micro Devices AM79C976 Datasheet HTML 300Page - Advanced Micro Devices AM79C976 Datasheet HTML 301Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 309 page
background image
8/01/00
Am79C976
B-2
P R E L I M INARY
Status Register (Register 1)
The MII Management Status Register identifies the
physical and auto-negotiation capabilities of the PHY.
This register is read only; a write will have no effect.
See Table 3.
Table B-3. MII Management Status Register (Register 1)
1RWH
 52 5HDG 2QO\ /+ /DWFKLQJ +LJK// /DWFKLQJ /RZ
Bits
Name
Description
Read/Write
(Note 1)
15
100BASE-T4
1 = PHY able to perform 100BASE-T4
0 = PHY not able to perform 100BASE-T4
RO
14
100BASE-X Full Duplex
1 = PHY able to perform full-duplex 100BASE-X
0 = PHY not able to perform full-duplex 100BASE-X
RO
13
100BASE-X Half Duplex
1 = PHY able to perform half-duplex 100BASE-X
0 = PHY not able to perform half-duplex 100BASE-X
RO
12
10 Mbps Full Duplex
1 = PHY able to operate at 10 Mbps full-duplex mode
0 = PHY not able to operate at 10 Mbps full-duplex mode
RO
11
10 Mbps Half Duplex
1 = PHY able to operate at 10 Mbps half-duplex mode
0 = PHY not able to operate at 10 Mbps half-duplex mode
RO
10-7
Reserved
Ignore when read
RO
6
MF Preamble Suppression
1 = PHY will accept management frames with preamble
suppressed
0 = PHY not able to accept management frames with
preamble suppressed
RO
5
Auto-Negotiation Complete
1 = Auto-Negotiation process completed
0 = Auto-Negotiation process not completed
RO
4
Remote Fault
1 = remote fault condition detected
0 = no remote fault condition detected
RO, LH
3
Auto-Negotiation Ability
1 = PHY is able to perform Auto-Negotiation
0 = PHY is not able to perform Auto-Negotiation
RO
2Link Status
1 = link is up
0 = link is down
RO, LL
1
Jabber Detect
1 = jabber condition detected
0 = no jabber condition detected
RO
0
Extended Capability
1 = extended register capabilities
0 = basic register set capabilities only
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com