Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 129 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 129 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 125Page - Advanced Micro Devices AM79C976 Datasheet HTML 126Page - Advanced Micro Devices AM79C976 Datasheet HTML 127Page - Advanced Micro Devices AM79C976 Datasheet HTML 128Page - Advanced Micro Devices AM79C976 Datasheet HTML 129Page - Advanced Micro Devices AM79C976 Datasheet HTML 130Page - Advanced Micro Devices AM79C976 Datasheet HTML 131Page - Advanced Micro Devices AM79C976 Datasheet HTML 132Page - Advanced Micro Devices AM79C976 Datasheet HTML 133Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 309 page
background image
8/01/00
Am79C976
129
P R E L I M INARY
BADX: Transmit Ring Base Address Register
Offset 100h
This 64-bit register allows the Transmit Descriptor Ring
to be located anywhere in a 64-bit address space. For
systems with a 32-bit or smaller address space, it is
only necessary to program the lower 32 bits of this reg-
ister (by writing to offset 100h). The upper 32 bits will
remain at the default value of 0.
The contents of this register are set to the default value
0 when the RST pin is asserted. This register is not af-
fected by the serial EEPROM read operation or by a se-
rial EEPROM read error.
Table 39. Transmit Ring Base Address Register
&+,3,'&KLS,' 5HJLVWHU
Offset 0F0h
This read-only register is an alias of CSR88.
Table 40. CHIPID: Chip ID Register
&+32//7,0(&KDLQ3ROO7LPHU 5HJLVWHU
Offset 18Ah
The contents of this register are cleared to 0 when the
RST pin is asserted, before the serial EEPROM is
read, and after a serial EEPROM read error.
Table 41. CHPOLLTIME: Chain Polling Interval Register
Bit
Name
Description
63-0
BADX
Base Address of Transmit Descriptor Ring. In systems with a 32-bit or smaller address space, it is
only necessary to program the 32 low-order bits of this register.
The low-order 32 bits of this register are an alias of CSR30 and CSR31.
Bit
Name
Description
31-28
VER
Version. This 4-bit pattern is silicon-revision dependent.
27-12
PARTID
Part number. The 16-bit code for the Am79C976 controller is 0010 0110 0010 1000b (2628h).
This register is exactly the same as the Device ID register in the JTAG description. However, this
part number is different from that stored in the Device ID register in the PCI configuration space.
11-1
MANFID
Manufacturer ID. The 11-bit manufacturer code for AMD is 00000000001b. This code is per the
JEDEC Publication 106-A.
Note that this code is not the same as the Vendor ID in the PCI configuration space.
0ONE
Always logic 1.
Bit
Name
Description
15-0
CHPOLL TIME
Chain Polling Interval. This register contains the time that the Am79C976 controller will wait
between successive polling operations when the Buffer Management Unit is in the middle of a
buffer chaining operation. The CHPOLLTIME value is expressed as the two’s complement of the
desired interval, where each bit of CHPOLLTIME approximately represents 3 ERCLK periods.
CHPOLLTIME[3:0] are ignored. (CHPOLLTIME[16] is implied to be a 1, so CHPOLLTIME[15] is
significant and does not represent the sign of the two’s complement CHPOLLTIME value.)
The default value of this register is 0000h. This corresponds to a polling interval of 65,536 clock
periods (2.185 ms when ERCLK = 90 MHz).
Setting the INIT bit starts an initialization process that sets CHPOLLTIME to its default value. If the
user wants to program a value for CHPOLLTIME other than the default, then he must change the
value after the initialization sequence has completed.
This register is an alias for CSR49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com