Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 133 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 133 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 129Page - Advanced Micro Devices AM79C976 Datasheet HTML 130Page - Advanced Micro Devices AM79C976 Datasheet HTML 131Page - Advanced Micro Devices AM79C976 Datasheet HTML 132Page - Advanced Micro Devices AM79C976 Datasheet HTML 133Page - Advanced Micro Devices AM79C976 Datasheet HTML 134Page - Advanced Micro Devices AM79C976 Datasheet HTML 135Page - Advanced Micro Devices AM79C976 Datasheet HTML 136Page - Advanced Micro Devices AM79C976 Datasheet HTML 137Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 309 page
background image
8/01/00
Am79C976
133
P R E L I M INARY
15
VAL1
Value bit for byte 1. The value of this bit is written to any bits in the CMD2 register that correspond
to bits in the CMD2[14:8] bit map field that are set to 1.
14
RCVALGN
Receive Packet Align. When set, this bit forces the data field of ISO 8802-3 (IEEE/ANSI 802.3)
packets to align to 0 MOD 4 address boundaries (i.e., DWord aligned addresses). It is important to
note that this feature will only function correctly if all receive buffer boundaries are DWord aligned
and all receive buffers have 0 MOD 4 lengths. In order to accomplish the data alignment, the
Am79C976 controller simply inserts two bytes of random data at the beginning of the receive
packet (i.e., before the ISO 8802-3 (IEEE/ANSI 802.3) destination address field). The MCNT field
reported to the receive descriptor will not include the extra two bytes.
This bit is an alias of CSR122, bit 0.
13
ASTRP_RCV
Auto Strip Receive. When set, ASTRP_RCV enables the automatic pad stripping feature. For any
receive frame whose length field has a value less than 46, the pad and FCS fields will be stripped
and not placed in the FIFO.
This bit is an alias of CSR4, bit 10.
12
FCOLL
Force Collision. This bit allows the collision logic to be tested. The Am79C976 controller must be
in internal loopback for FCOLL to be valid. If FCOLL = 1, a collision will be forced during loopback
transmission attempts, which will result in a Retry Error. If FCOLL = 0, the Force Collision logic will
be disabled.
This bit is an alias of CSR15, bit 4.
11
EMBA
Enable Modified Back-off Algorithm (see Contention Resolution section in Media Access
Management section for more details). If EMBA is set, a modified back-off algorithm is
implemented.
This bit is an alias of CSR3, bit 3.
10
DXMT2PD
Disable Transmit Two Part Deferral (see Medium Allocation section in the Media Access
Management section for more details). If DXMT2PD is set, Transmit Two Part Deferral will be
disabled.
This bit is an alias of CSR3, bit 4.
9LTINTEN
Last Transmit Interrupt Enable. When this bit is set to 1, the LTINT bit in transmit descriptors can
be used to determine when transmit interrupts occur. The Transmit Interrupt (TINT) bit will be set
after a frame has been copied to the Transmit FIFO if the LTINT bit in the frame’s last transmit
descriptor is set. If the LTINT bit in the frame’s last descriptor is 0 TINT will not be set after the frame
has been copied to the Transmit FIFO.
This bit is an alias of CSR5, bit 14.
8DXMTFCS
Disable Transmit CRC (FCS). When DXMTFCS is set to 0, the transmitter will generate and append
an FCS to the transmitted frame. When DXMTFCS is set to 1, no FCS is generated or sent with
the transmitted frame. DXMTFCS is overridden when ADD_FCS and ENP bits are set in the
transmit descriptor.
When the auto padding logic, which is enabled by the APAD_XMT bit (CMD2, bit6), adds padding
to a frame, a valid FCS field is appended to the frame, regardless of the state of DXMTFCS.
If DXMTFCS is set and ADD_FCS is clear for a particular frame, no FCS will be generated. If
ADD_FCS is set for a particular frame, the state of DXMTFCS is ignored and a FCS will be
appended on that frame by the transmit circuitry. See also the ADD_FCS bit in the transmit
descriptor.
This bit was called DTCR in the LANCE (Am7990) device.
This bit is an alias of CSR15, bit 3.
7VAL0
Value bit for byte 0. The value of this bit is written to any bits in the CMD2 register that correspond
to bits in the CMD2[6:0] bit map field that are set to 1.
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com