Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 141 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 141 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 137Page - Advanced Micro Devices AM79C976 Datasheet HTML 138Page - Advanced Micro Devices AM79C976 Datasheet HTML 139Page - Advanced Micro Devices AM79C976 Datasheet HTML 140Page - Advanced Micro Devices AM79C976 Datasheet HTML 141Page - Advanced Micro Devices AM79C976 Datasheet HTML 142Page - Advanced Micro Devices AM79C976 Datasheet HTML 143Page - Advanced Micro Devices AM79C976 Datasheet HTML 144Page - Advanced Micro Devices AM79C976 Datasheet HTML 145Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 309 page
background image
8/01/00
Am79C976
141
P R E L I M INARY
17-16
XMTSP
Transmit Start Point. XMTSP controls the point at which preamble transmission attempts to
commence in relation to the number of bytes written to the MAC Transmit FIFO for the current
transmit frame. When the entire frame is in the MAC Transmit FIFO, transmission will start
regardless of the value in XMTSP.
If any of REX_UFLO, REX_RTRY, or RTRY_LCOL are set, no frame data will be overwritten until
the frame has been transmitted or discarded. Otherwise, no data will be overwritten until at least
64 bytes have been transmitted.
Note that when the No Underflow (NOUFLO) bit (BCR18, bit 11) is set to 1 or XMTSP = 11b,
transmission will not start until the complete frame has been copied into the Transmit FIFO. This
mode is useful in a system where high latencies cannot be avoided.
The default value for XMTSP[1:0] is 01b (64 bytes).
This field is an alias of CSR80, bits 11:10.
15-10
RES
Reserved locations. Written as zeros and read as undefined.
9-8
XMTFW
Transmit FIFO Watermark. XMTFW specifies the point at which transmit DMA is requested, based
upon the number of bytes that could be written to the Transmit FIFO without FIFO overflow.
Transmit DMA is requested when the number of bytes specified by XMTFW could be written to the
FIFO without causing Transmit FIFO overflow, and the internal state machine has reached a point
where the Transmit FIFO is checked to determine if DMA servicing is required.
The default value for XMTFW[1:0] is 00b (16 bytes).
This field is an alias of CSR80, bits 9:8.
Bit
Name
Description
XMTSP[1:0]
NOUFLO
Bytes Written
00
0
16
01
0
64
10
0
128
11
0
Full Frame
XX
1
Full Frame
XMTFW[1:0]
Bytes Available
00
16
01
64
10
128
11
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com