Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 142 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 142 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 138Page - Advanced Micro Devices AM79C976 Datasheet HTML 139Page - Advanced Micro Devices AM79C976 Datasheet HTML 140Page - Advanced Micro Devices AM79C976 Datasheet HTML 141Page - Advanced Micro Devices AM79C976 Datasheet HTML 142Page - Advanced Micro Devices AM79C976 Datasheet HTML 143Page - Advanced Micro Devices AM79C976 Datasheet HTML 144Page - Advanced Micro Devices AM79C976 Datasheet HTML 145Page - Advanced Micro Devices AM79C976 Datasheet HTML 146Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 309 page
background image
142
Am79C976
8/01/00
P R E L I M INARY
7-2
RES
Reserved locations. Written as zeros and read as undefined.
1-0
RCVFW
Receive FIFO Watermark. RCVFW controls the point at which receive DMA is requested in relation
to the number of received bytes in the Receive FIFO. RCVFW specifies the number of bytes which
must be present (once the frame has been verified as a non-runt) before receive DMA is requested.
Note, however, that if the network interface is operating in half-duplex mode, in order for receive
DMA to be performed for a new frame, at least 64 bytes must have been received. This effectively
avoids having to react to receive frames which are runts or suffer a collision during the slot time
(512 bit times). If the Runt Packet Accept feature is enabled or if the network interface is operating
in full-duplex mode, receive DMA will be requested as soon as either the RCVFW threshold is
reached, or a complete valid receive frame is detected (regardless of length). When the Full Duplex
Runt Packet Accept Disable (FDRPAD) bit in CMD2 is set and the Am79C976 controller is in full-
duplex mode, in order for receive DMA to be performed for a new frame, at least 64 bytes must
have been received. This effectively disables the runt packet accept feature in full-duplex mode.
The default value for RCVFW[1:0] is 01b (64 bytes).
This field is an alias of CSR80, bits 13:12.
Bit
Name
Description
RCVFW[1:0]
Bytes Received
00
48
01
64
10
128
11
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com